công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LP2986IMM-3.0 bảng dữ liệu(PDF) 21 Page - Texas Instruments

tên linh kiện LP2986IMM-3.0
Giải thích chi tiết về linh kiện  Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LP2986IMM-3.0 bảng dữ liệu(HTML) 21 Page - Texas Instruments

Back Button LP2986IMM-3.0 Datasheet HTML 17Page - Texas Instruments LP2986IMM-3.0 Datasheet HTML 18Page - Texas Instruments LP2986IMM-3.0 Datasheet HTML 19Page - Texas Instruments LP2986IMM-3.0 Datasheet HTML 20Page - Texas Instruments LP2986IMM-3.0 Datasheet HTML 21Page - Texas Instruments LP2986IMM-3.0 Datasheet HTML 22Page - Texas Instruments LP2986IMM-3.0 Datasheet HTML 23Page - Texas Instruments LP2986IMM-3.0 Datasheet HTML 24Page - Texas Instruments LP2986IMM-3.0 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LP2986IMM-5.0/NOPB
VSSOP
DGK
8
1000
178.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LP2986IMMX-3.0/NOPB
VSSOP
DGK
8
3500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LP2986IMMX-3.3/NOPB
VSSOP
DGK
8
3500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LP2986IMMX-5.0/NOPB
VSSOP
DGK
8
3500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LP2986IMX-3.0/NOPB
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LP2986IMX-3.3/NOPB
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LP2986IMX-5.0
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LP2986IMX-5.0/NOPB
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LP2986AILD-3.3
WSON
NGN
8
1000
210.0
185.0
35.0
LP2986AILD-3.3/NOPB
WSON
NGN
8
1000
213.0
191.0
55.0
LP2986AILDX-3.3/NOPB
WSON
NGN
8
4500
367.0
367.0
35.0
LP2986AIMM-3.0/NOPB
VSSOP
DGK
8
1000
210.0
185.0
35.0
LP2986AIMM-3.3/NOPB
VSSOP
DGK
8
1000
210.0
185.0
35.0
LP2986AIMM-5.0/NOPB
VSSOP
DGK
8
1000
210.0
185.0
35.0
LP2986AIMMX-3.0/NOPB
VSSOP
DGK
8
3500
367.0
367.0
35.0
LP2986AIMMX-3.3/NOPB
VSSOP
DGK
8
3500
367.0
367.0
35.0
LP2986AIMMX-5.0/NOPB
VSSOP
DGK
8
3500
367.0
367.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
23-Sep-2013
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26