| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP3985 bảng dữ liệu(PDF) 18 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP3985 bảng dữ liệu(HTML) 18 Page - Texas Instruments |
|
18 / 29 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 1-Nov-2013 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LP3985IM5-2.5 NRND SOT-23 DBV 5 1000 TBD Call TI Call TI -40 to 125 LCSB LP3985IM5-2.5/NOPB ACTIVE SOT-23 DBV 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LCSB LP3985IM5-2.7/NOPB ACTIVE SOT-23 DBV 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LCUB LP3985IM5-2.8 NRND SOT-23 DBV 5 1000 TBD Call TI Call TI -40 to 125 LCJB LP3985IM5-2.8/NOPB ACTIVE SOT-23 DBV 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LCJB LP3985IM5-2.9/NOPB ACTIVE SOT-23 DBV 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LCYB LP3985IM5-3.0 NRND SOT-23 DBV 5 1000 TBD Call TI Call TI -40 to 125 LCRB LP3985IM5-3.0/NOPB ACTIVE SOT-23 DBV 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LCRB LP3985IM5-3.2/NOPB ACTIVE SOT-23 DBV 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LDPB LP3985IM5-3.3 NRND SOT-23 DBV 5 1000 TBD Call TI Call TI -40 to 125 LDQB LP3985IM5-3.3/NOPB ACTIVE SOT-23 DBV 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LDQB LP3985IM5-4.7 NRND SOT-23 DBV 5 1000 TBD Call TI Call TI -40 to 125 LDRB LP3985IM5-4.7/NOPB ACTIVE SOT-23 DBV 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LDRB LP3985IM5-5.0 NRND SOT-23 DBV 5 1000 TBD Call TI Call TI -40 to 125 LDSB LP3985IM5-5.0/NOPB ACTIVE SOT-23 DBV 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LDSB LP3985IM5X-2.5/NOPB ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LCSB LP3985IM5X-2.8/NOPB ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LCJB LP3985IM5X-285/NOPB ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LCXB LP3985IM5X-3.0 NRND SOT-23 DBV 5 3000 TBD Call TI Call TI -40 to 125 LCRB LP3985IM5X-3.0/NOPB ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LCRB |