| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FSM6JAA bảng dữ liệu(PDF) 4 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
FSM6JAA bảng dữ liệu(HTML) 4 Page - Tyco Electronics |
|
4 / 8 page ![]() E6 E FSMJRT Series Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Tactile Switches, .236 [6] x .236 [6], Radial Tape .244 (6.19) .142 (3.60) 10 ° 0' Max. “ A” .138 (3.50) .102 (2.59) .012 (0.30) .236 (5.99) .012 ±.008 (0.30 ±0.20) .709 (18.00) .016 (0.40) .039 + .004 - .000 (0.99 + 0.10 - 0.00) .020 (0.50) .047 (1.19) .031 (0.78) .157 (4.00) MIN. .167 (4.24) .148 (3.75) .709 ± .008 (18.00 ± 0.20) .024 (0.60) .500 ± .012 (12.7 ± 0.30) .157 (3.98) .250 ± .039 (6.35 ± 0.99) .197 ± .004) 4.83 ± 0.10) .197 ± .004 (5.00 ± 0.10) .016 (.040) MAX. MAX. TYP. .244 (6.19) .142 (3.60) 10 ° 0' Max. “ A” .138 (3.50) .102 (2.59) .012 (0.30) .236 (5.99) .012 ±.008 (0.30 ±0.20) .709 (18.00) .016 (0.40) .039 + .004 - .000 (0.99 + 0.10 - 0.00) .020 (0.50) .047 (1.19) .031 (0.78) .157 (4.00) MIN. .167 (4.24) .148 (3.75) .709 ± .008 (18.00 ± 0.20) .024 (0.60) .500 ± .012 (12.7 ± 0.30) .157 (3.98) .250 ± .039 (6.35 ± 0.99) .197 ± .004) 4.83 ± 0.10) .197 ± .004 (5.00 ± 0.10) .016 (.040) MAX. MAX. TYP. Tyco Alcoswitch Dimension Actuation Electronics A Force 2-1437565-6 FSM2JRT 4.3 (.169) 160 +/-50 gm 2-1437565-2 FSM2JART 4.3 (.169) 260 +/-75 gm 4-1437565-0 FSM4JRT 5.0 (.197) 160 +/-50 gm 147997-1 FSM4JART 5.0 (.197) 260 +/-75 gm 4-1437565-8 FSM6JRT 7.0 (.276) 160 +/-50 gm 1571402-1 FSM6JART 7.0 (.276) 260 +/-75 gm 147694-1 FSM8JRT 9.5 (.374) 160 +/-50 gm 147871-1 FSM8JART 9.5 (.374) 260 +/-75 gm 1571010-1 FSM14JRT 13.0 (.512) 160 +/-50 gm MATERIAL SPECIFICATIONS: Contacts ..................................Copper alloy, silver clad plate Case..........................................Nylon Actuator Button ......................PBT Cover........................................Steel, tin plate Terminals ................................Copper alloy, silver clad plate ENVIRONMENTAL SPECIFICATIONS Operating Temperature............ -40°F to +221°F (-40°C to +105°C) Storage Temperature................-40°F to +221°F (-40°C to +105°C) Solder Heat Resistance ............See Page M3-4 TYPICAL PERFORMANCE CHARACTERISTICS: Contact Rating ........................50 mA @ 12 VDC Initial Contact Resistance ........100 Milliohms max. Insulation Resistance ..............100 Megohms min. @ 100 VDC Dielectric Strength ..................500 VAC for 1 minute Actuation Force ......................See Below Actuator Travel........................ .010" (,254) Life Expectancy ......................Up to 100,000 Cycles FSM4JRT |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |