công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FSM11J bảng dữ liệu(PDF) 7 Page - Tyco Electronics

tên linh kiện FSM11J
Giải thích chi tiết về linh kiện  Tactile Switches, .138 [3.5] x .236 [6], Through Hole
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

FSM11J bảng dữ liệu(HTML) 7 Page - Tyco Electronics

  FSM11J Datasheet HTML 1Page - Tyco Electronics FSM11J Datasheet HTML 2Page - Tyco Electronics FSM11J Datasheet HTML 3Page - Tyco Electronics FSM11J Datasheet HTML 4Page - Tyco Electronics FSM11J Datasheet HTML 5Page - Tyco Electronics FSM11J Datasheet HTML 6Page - Tyco Electronics FSM11J Datasheet HTML 7Page - Tyco Electronics FSM11J Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
E9
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
E
FSMSM/JM Series
Tactile Switches, .138 [3.5] x .236 [6], Surface Mount
.138
(3.50)
.236
(6.0)
SEE DETAIL A
.060
(1.52)
.118
(2.99)
.169
(4.30)
.138
(3.50)
.039
(0.99)
.276
(7.0)
.083
(2.1)
.448
(11.4)
.063
(1.6)
.004
±.002
(.102-.005)
METRIC 2 Pl. (.10)
±.05
.060/.040
(1.52/1.01)
.012
(0.30) 2X
.050 (1.27)
.045 (1.14)
2X
.050
(1.27)
2X
R..010
(0.25)
4X
DETAIL A
SUGGESTED FOOTPRINT PATTERN
FSMSM
MATERIAL SPECIFICATIONS:
Contacts ..................................Stainless steel, silver clad plate
Case Material ..........................FSMSM: PPS
Actuator Material ....................FSMSM: Nylon
FSMJM: PPS
Terminals ................................Copper alloy, silver plate or tin plate
Cover........................................Stainless steel
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature............-40°F to +185°F (-40°C to +85°C)
Storage Temperature................-40°F to +185°F (-40°C to +85°C)
Solder Heat Resistance ............FSMSM IR Soldering EIA-364-56,
Procedure 5 Level 1, 215° C
FSMJM IR Soldering per EIA 364-56
Procedure 5, level 2, 464°F (240°C)
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................50 mA @ 12 VDC
Initial Contact Resistance ........100 Milliohms max.
Insulation Resistance ..............100 Megohms min. @ 500 VDC
Dielectric Strength ..................500 VAC for 1 minute
Actuator Travel.........................010"(.254)
Life Expectancy ......................20,000-40,000 Cycles
3.5 x 6.0 mm
3.5 x 6.0 mm
.236
(6.00)
.161
(4.10)
Max.
.016
(0.40)
Max.
.004
(0.10)
Max.
.002
(0.05)
Max.
.118
(3.00)
.039
(1.00)
.299
(7.60)
.079
(2.00)
.087
(2.20)
.083
(2.10)
.268
(6.80)
.138
(3.50)
.039
(1.00)
.138
(3.50)
Dim. A
Tyco
Alcoswitch
Type
Dim. A
Actuation Force
Packaging
Life
Electronics
Cycle
147873-1
FSMJM5.0ATR
SPST
.197 (5.00)
180±50
Reel
40,000
147873-2
FSMJM4.3ATR
SPST
.169 (4.30)
180±50
Reel
40,000
147873-3
FSMJM3.5ATR
SPST
.138 (3.50)
180±50
Reel
40,000
147942-1
FSMJM4.3
SPST
.169 (4.30)
130±50
Bulk
40,000
147942-2
FSMJM4.3TR
SPST
.169 (4.30)
130±50
Reel
40,000
Tyco
Alcoswitch
Type
Packaging Actuation Force
Life
Electronics
Cycle
1437566-3
FSMSM
SPST
Off
(On)
Bulk
180±50
20,000
1437566-4
FSMSMTR
Reel
180±50
20,000
(On) indicates momentary position.



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com