công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCF2116 bảng dữ liệu(PDF) 27 Page - NXP Semiconductors

tên linh kiện PCF2116
Giải thích chi tiết về linh kiện  LCD controller/drivers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2116 bảng dữ liệu(HTML) 27 Page - NXP Semiconductors

Back Button PCF2116 Datasheet HTML 23Page - NXP Semiconductors PCF2116 Datasheet HTML 24Page - NXP Semiconductors PCF2116 Datasheet HTML 25Page - NXP Semiconductors PCF2116 Datasheet HTML 26Page - NXP Semiconductors PCF2116 Datasheet HTML 27Page - NXP Semiconductors PCF2116 Datasheet HTML 28Page - NXP Semiconductors PCF2116 Datasheet HTML 29Page - NXP Semiconductors PCF2116 Datasheet HTML 30Page - NXP Semiconductors PCF2116 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 64 page
background image
1997 Apr 07
27
Philips Semiconductors
Product specification
LCD controller/drivers
PCF2116 family
9.6.3
G
Controls the VLCD voltage generator characteristic.
9.7
Set CGRAM address
‘Set CGRAM address’ sets bit 0 to 5 of the CGRAM
address (ACG in Table 3) into the Address Counter
(binary A[5] to A[0]). Data can then be written to or read
from the CGRAM.
Only bits 0 to 5 of the CGRAM address are set by the
‘Set CGRAM address’ instruction. Bit 6 can be set using
the ‘Set DDRAM address’ instruction or by using the
auto-increment feature during CGRAM write. All bits 0 to 6
can be read using the ‘Read busy flag and address’
instruction.
9.8
Set DDRAM address
‘Set DDRAM address’ sets the DDRAM address (ADD in
Table 3) into the Address Counter (binary A[6] to A[0]).
Data can then be written to or read from the DDRAM.
Hexadecimal address ranges.
9.9
Read busy flag and address
‘Read busy flag and address’ reads the Busy Flag (BF).
BF = logic 1 indicates that an internal operation is in
progress. The next instruction will not be executed until
BF = logic 0, so BF should be checked before sending
another instruction.
At the same time, the value of the Address Counter (AC in
Table 3) expressed in binary A[6] to A[0] is read out. The
Address Counter is used by both CGRAM and DDRAM,
and its value is determined by the previous instruction.
9.10
Write data to CGRAM or DDRAM
Writes binary 8-bit data D[7] to D[0] to the CGRAM or the
DDRAM.
Whether the CGRAM or DDRAM is to be written into is
determined by the previous specification of CGRAM or
DDRAM address setting.
ADDRESS
FUNCTION
00 to 4F
1-line by 24; 2114x/2116x
00 to 0B and 0C to 4F
2-line by 12; 2114x
00 to 27 and 40 to 67
2-line by 24; 2114x/2116x
00 to 13, 20 to 33, 40 to 53
and 60 to 73
4-line by 12; 2114x/2116x
After writing, the address automatically increments or
decrements by 1, in accordance with the entry mode.
Only bits D[4] to D[0] of CGRAM data are valid, bits
D[7] to D[5] are ‘don’t care’.
9.11
Read data from CGRAM or DDRAM
Reads binary 8-bit data D[7] to D[0] from the CGRAM or
DDRAM.
The most recent ‘Set address’ instruction determines
whether the CGRAM or DDRAM is to be read.
The ‘Read data’ instruction gates the content of the data
register (DR) to the bus while E = HIGH. After E goes LOW
again, internal operation increments (or decrements) the
AC and stores RAM data corresponding to the new AC into
the DR.
Remark: the only three instructions that update the data
register (DR) are:
• ‘Set CGRAM address’
• ‘Set DDRAM address’
• ‘Read data’ from CGRAM or DDRAM.
Other instructions (e.g. ‘Write data’, ‘Cursor/Display shift’,
‘Clear display’, ‘Return home’) will not modify the data
register content.
10 INTERFACE TO MICROCONTROLLER
(PARALLEL INTERFACE)
The PCF2116 can send data in either two 4-bit operations
or one 8-bit operation and can thus interface to 4-bit or
8-bit microcontrollers.
In 8-bit mode data is transferred as 8-bit bytes using the
8 data lines DB0 to DB7. Three further control lines E, RS,
and R/W are required.
In 4-bit mode data is transferred in two cycles of 4-bits
each. The higher order bits (corresponding to DB4 to DB7
in 8-bit mode) are sent in the first cycle and the lower order
bits (DB0 to DB3 in 8-bit mode) in the second.
Data transfer is complete after two 4-bit data transfers.
It should be noted that two cycles are also required for the
Busy Flag check. 4-bit operation is selected by instruction.
See Figs 18, 19 and 20 for examples of bus protocol.
In 4-bit mode pins DB3 to DB0 must be left open-circuit.
They are pulled up to VDD internally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com