công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ASTMB733 bảng dữ liệu(PDF) 14 Page - ITT Industries

tên linh kiện ASTMB733
Giải thích chi tiết về linh kiện  DETAIL SPECIFICATION
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

ASTMB733 bảng dữ liệu(HTML) 14 Page - ITT Industries

Back Button ASTMB733 Datasheet HTML 10Page - ITT Industries ASTMB733 Datasheet HTML 11Page - ITT Industries ASTMB733 Datasheet HTML 12Page - ITT Industries ASTMB733 Datasheet HTML 13Page - ITT Industries ASTMB733 Datasheet HTML 14Page - ITT Industries ASTMB733 Datasheet HTML 15Page - ITT Industries ASTMB733 Datasheet HTML 16Page - ITT Industries ASTMB733 Datasheet HTML 17Page - ITT Industries ASTMB733 Datasheet HTML 18Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
MIL-DTL-24308G
w/AMENDMENT 2
14
TABLE IX. Oversize pin exclusion.
Contact
size
Pin
diameter
20
.046
3.5.19 Resistance to test probe damage. Socket contacts shall meet the engaging and separating force
requirements
specified in 3.5.10 and shall show no evidence of visible damage when tested as specified in 4.5.21.
3.5.20 Fluid immersion. Connectors shall mate within the forces specified in 3.5.4 after being subjected to the fluid
immersion test
as specified in 4.5.22.
3.5.21 Insert retention.
3.5.21.1 Insert retention (classes D, G, M, and N). Inserts shall not be dislocated from their original positions with
an axial load of 60 lb/in
2 applied as specified in 4.5.23.
3.5.21.2 Insert retention (classes H and K). Classes H and K inserts shall not be dislocated from their original
positions or damaged when an effective pressure differential of 200 lb/in
2 is applied as specified in 4.5.23.
3.5.22 Contact pin strength. After being subjected to mechanical loading specified in 4.5.25 pin contacts shall
exhibit a permanent set no greater than .005 inch.
3.5.23 Solderability. Solderable, nonremovable contact terminations shall withstand the test specified in 4.5.24.
Printed wiring tails shall meet the solderability requirements in accordance with MIL-STD-202, method 208.
3.5.24 Thermal vacuum outgassing (classes D, K, and M). The entire connector assembly, when tested
as
specified in 4.5.26, shall have maximum total mass loss (TML) of 1.0 percent of the original specimen mass and shall
have a maximum volatile condensable material (VCM) content of 0.1 percent of the original specimen mass.
3.5.25 Resistance to soldering heat. Solderable, nonremovable contact connectors shall withstand the tests
specified in 4.5.27.
3.6 Marking. Connectors shall be marked in accordance with method I of MIL-STD-1285 or an equivalent industry
standard, and shall include the military PIN (see 3.1), the manufacturer's name or code symbol, and date code.
3.6.1 Insert marking. Raised or depressed characters may be used. Markings are shown on the applicable military
specification sheet or standard. Socket face and pin faces are the opposite. Contact position markings shall appear
on both sides of the insert. On insulation displacement connectors, the first and last pin number of each row shall be
marked clearly on the housing.
3.6.1.1 Contact designations. All contact locations shall be designated by identifiable characters on the front and
rear faces of the insert or insert assembly. Positioning and arrangement of the characters shall be such that the
corresponding contact location may be readily identifiable. Connector shell marking and insert marking shall remain
legible after completion of the tests specified in 4.5.
3.6.2 Connector kit package. Each connector kit package shall contain a removable contact connector (marked
with the complete connector PIN), a full complement of contacts for the connector, and an applicable insertion/removal
tool as required by the detail specification sheet (see 3.1).
3.7 Workmanship. Connectors shall be processed in such a manner as to be uniform in quality and shall be free
from burrs, crazing, cracks, voids, pimples, chips, blisters, pin holes, sharp cutting edges, and other defects that will
adversely affect life, serviceability, or appearance. Sharp cutting edges are acceptable on the terminations of IDC
connectors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com