công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ASTMB488 bảng dữ liệu(PDF) 7 Page - ITT Industries

tên linh kiện ASTMB488
Giải thích chi tiết về linh kiện  DETAIL SPECIFICATION
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

ASTMB488 bảng dữ liệu(HTML) 7 Page - ITT Industries

Back Button ASTMB488 Datasheet HTML 3Page - ITT Industries ASTMB488 Datasheet HTML 4Page - ITT Industries ASTMB488 Datasheet HTML 5Page - ITT Industries ASTMB488 Datasheet HTML 6Page - ITT Industries ASTMB488 Datasheet HTML 7Page - ITT Industries ASTMB488 Datasheet HTML 8Page - ITT Industries ASTMB488 Datasheet HTML 9Page - ITT Industries ASTMB488 Datasheet HTML 10Page - ITT Industries ASTMB488 Datasheet HTML 11Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
MIL-DTL-24308G
w/AMENDMENT 2
7
3.3.6.3 Finish for classes D, K, and M connectors. All metal parts for classes D and K connectors shall be
Electroless Nickel in accordance with SAE AMS2404, class 3 or 4, .0005 inch minimum thickness or electrically
conductive nickel-phosphorus conforming to ASTM B733, class 1 or 2, type III, .0005 inch minimum thickness. The
finish shall be dull. Use of a suitable underplate is permissible. For class M, the finish shall be gold in accordance
with ASTM B488 grade C, class 1.27 over a suitable underplate (see 6.5). A silver underplate shall not be used.
3.3.7 Recycled, recovered, or environmentally preferable materials. Recycled, recovered, or environmentally
preferable materials should be used to the maximum extent possible provided that the material meets or exceeds the
operational and maintenance requirements and promotes economically advantageous life cycle costs.
3.3.8 Pure tin. The use of pure tin is prohibited. Tin content used in connector materials shall not exceed 97
percent, and an alloy material shall be chosen to inhibit the growth of tin whiskers (see 6.7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41