| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DCFMX-101 bảng dữ liệu(PDF) 21 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DCFMX-101 bảng dữ liệu(HTML) 21 Page - ITT Industries |
|
21 / 28 page ![]() D Cannon D-Subminiature Accessories 19 www.ittcannon.com Dimensionsshowninmm(inch) Specificationsanddimensionssubjecttochange Shell Part AB C D E F G H JK Size Layout Number ±0,41 (.016) ±0,13 (.005) ±0,13 (.005) ±0,13 (.005) ±0,13 (.005) ±0,13 (.005) ±0,41 (.016) ±0,41 (.016) ±0,41 (.016) ±0,41 (.016) DE 9 DE111919 49,61 (1.953) 40,08 (1.578) 33,91 (1.335) 18,65 (.734) 25,40 (1.000) 19,05 (.750) 25,00 (.984) 12,29 (.484) 30,58 (1.204) 6,15 (.242) DA 15 DA22213 57,96 (2.282) 48,41 (1.906) 42,24 (1.663) 22,81 (.898) 25,40 (1.000) 19,05 (.750) 33.32 (1.312) 12,29 (.484) 38,89 (1.531) 6,15 (.242) DB 25 DB22255 71,63 (2.820) 62,13 (2.446) 55,96 (2.203) 29,67 (1.168) 25,40 (1.000) 19,05 (.750) 47,04 (1.852) 12,29 (.484) 51,99 (2.047) 6,15 (.242) DC 37 DC22070 88,11 (3.469) 78,59 (3.094) 72,42 (2.851) 37,90 (1.492) 25,40 (1.000) 19,05 (.750) 63,50 (2.500) 12,29 (.484) 68,25 (2.687) 6,15 (.242) DD 50 DD21962 85,72 (3.375) 76,20 (3.000) 69,82 (2.749) 36,50 (1.437) 28,58 (1.125) 22,20 (.874) 61,11 (2.406) 15,06 (.593) 66,93 (2.635) 7,52 (.296) 4,78 ± 0,30 (.188 ± 0.12) 6,35 (.250) MAX SOLDER POT EXTENSION 4,01 (.158) DIA. MAX. 1,57 (.062) MAX. 4,06 (.160) REF DIA MAX. 1,57 ± 0,13 (.062 ± .005) 8,71 ± 0,38 (.343 ± .015) 22,22 ± 0,76 (.875 ± .030) 4,06 ± 0,25 (.160 ± .010) A B C D ITT CANNON E F G 3,66 ± 0,13 (.144 ± .005) 2 PLACES CL + + ++ + + 3,66 ± 0,13 DIA. (.144 ± .005) 2 PLACES 5,54 ± 0,13 DIA. (.218 ± .005) 2 PLACES K RADIUS B C D J H F CL Recommended Panel Cutout Guide Pin Plate Male Plate and Hardware Material: Steel Plate and Hardware Finish: Chromate over Zinc Guide Pin Material: Stainless Steel • Useful in blind mate applications. • Kit consists of 1 plate, 2 sems screws, 2 rivets, 2 guide pins, 2 washer • Guide pin inserts for Size 8 cavities for Combo D® connectors also available. Refer to Combo D Catalog. Guide Pin Plate D sub:Layout 1 3/24/09 12:37 PM Page 19 |