| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT45D021-JC bảng dữ liệu(PDF) 8 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45D021-JC bảng dữ liệu(HTML) 8 Page - ATMEL Corporation |
|
8 / 18 page ![]() AT45D021 8 Reset Timing (Inactive Clock Polarity Low Shown) Command Sequence for Read/Write Operations (Except Status Register Read) Notes: 1. “r” designates bits reserved for larger densities. 2. It is recommended that “r” be a logical “0” for densities of 2M bit or smaller. 3. For densities larger than 2M bit, the “r” bits become the most significant Page Address bit for the appropriate density. CS SCK RESET SO HIGH IMPEDANCE HIGH IMPEDANCE SI tRST tREC tCSS SI CMD 8 bits 8 bits 8 bits MSB Reserved for larger densities Page Address (PA9-PA0) Byte/Buffer Address (BA8-BA0/BFA8-BFA0) LSB r r r r r X X X X X X X X X X X X X X X X X X X |