| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP120-300DI bảng dữ liệu(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP120-300DI bảng dữ liệu(HTML) 6 Page - Microchip Technology |
|
6 / 16 page ![]() MCP120/130 DS11184D-page 6 2001 Microchip Technology Inc. 3.0 PACKAGING INFORMATION 3.1 Package Marking Information 3-Lead Plastic Transistor Outline (TO-92) Example: 3-Lead Plastic Small Outline Transistor (SOT23) Example: Legend: XX...X Customer specific information* YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line thus limiting the number of available characters for customer specific information. * Standard OTP marking consists of Microchip part number, year code, week code, and traceability code. For OTP marking beyond this, certain price adders apply. Please check with your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP price. XXXXXX XXXXXX XXXXXX YWWNNN MCP120 XXXXXX XXXXXX YWWNNN XXNN PKNN SOT23 PARTS LABELING: The table below identifies the first 2 characters (XX) in the 4-character field (XXNN) for marking of the 3-Lead SOT23 package. Mark Part Number Mark Part Number SJ MCP120T-270I/TT PJ MCP130T-270I/TT SK MCP120T-300I/TT PK MCP130T-300I/TT SL MCP120T-315I/TT PL MCP130T-315I/TT SM MCP120T-450I/TT PM MCP130T-450I/TT SN MCP120T-460I/TT PN MCP130T-460I/TT SO MCP120T-475I/TT PO MCP130T-475I/TT SP MCP120T-485I/TT PP MCP130T-485I/TT 8-Lead Plastic Small Outline (SOIC) Example: XXXXYYWW NNN XXXXXXXX XXXXYYWW NNN MCP120 |