công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HSCDLNN060PASA3 bảng dữ liệu(PDF) 3 Page - Honeywell Accelerometers

tên linh kiện HSCDLNN060PASA3
Giải thích chi tiết về linh kiện  TRUSTABILITY SILICON PRESSURE SENSORS HSC SERIES-HIGH ACCURACY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HONEYWELL-ACC [Honeywell Accelerometers]
Trang chủ  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

HSCDLNN060PASA3 bảng dữ liệu(HTML) 3 Page - Honeywell Accelerometers

  HSCDLNN060PASA3 Datasheet HTML 1Page - Honeywell Accelerometers HSCDLNN060PASA3 Datasheet HTML 2Page - Honeywell Accelerometers HSCDLNN060PASA3 Datasheet HTML 3Page - Honeywell Accelerometers HSCDLNN060PASA3 Datasheet HTML 4Page - Honeywell Accelerometers HSCDLNN060PASA3 Datasheet HTML 5Page - Honeywell Accelerometers HSCDLNN060PASA3 Datasheet HTML 6Page - Honeywell Accelerometers HSCDLNN060PASA3 Datasheet HTML 7Page - Honeywell Accelerometers HSCDLNN060PASA3 Datasheet HTML 8Page - Honeywell Accelerometers HSCDLNN060PASA3 Datasheet HTML 9Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Honeywell Sensing and Control
3
Table 3. Environmental Specifications
Parameter
Characteristic
Humidity:
Dry gases only (S
ee “Options N and D” in Figure 1.)
Liquid media (S
ee “Options T and V” in Figure 1.)
0% to 95% RH, non-condensing
100% condensing or direct liquid media on Port 1
Vibration
MIL-STD-202F, Curve AK (20.7 g random)
Shock
MIL-STD-202F, Method 213B, Condition F
Life
9
1 million cycles minimum
Solder reflow
J-STD-020-C
Table 4. Wetted Materials
10
Parameter
Port 1 (Pressure Port)
Port 2 (Reference Port)
Covers
high temperature polyamide
high temperature polyamide
Substrate
alumina ceramic
alumina ceramic
Adhesives
epoxy, silicone
epoxy, silicone
Electronic components
ceramic, glass, solder, silicon
silicon, glass, gold, solder
Notes:
1.
Absolute maximum ratings are the extreme limits the device will withstand without damage.
2.
Ratiometricity of the sensor (the ability of the digital device to maintain performance parameters independent of supply voltage) is achieved
within the specified operating voltage for each option.
3.
The sensor is not reverse polarity protected. Incorrect application of supply voltage or ground to the wrong pin may cause electrical failure.
4.
The compensated temperature range is the temperature range over which the sensor will produce an output proportional to pressure within
the specified performance limits.
5.
The operating temperature range is the temperature range over which the sensor will produce an output proportional to pressure but may not
remain within the specified performance limits.
6.
Accuracy: The maximum deviation in output from a Best Fit Straight Line (BFSL) fitted to the output measured over the pressure range at
25 °C [77 °F]. Includes all errors due to pressure non-linearity, pressure hysteresis, and non-repeatability.
7.
Total Error Band: The maximum deviation from the ideal transfer function over the entire compensated temperature and pressure range.
Includes all errors due to offset, full scale span, pressure non-linearity, pressure hysteresis, repeatability, thermal effect on offset, thermal
effect on span, and thermal hysteresis.
8.
Full Scale Span (FSS) is the algebraic difference between the output signal measured at the maximum (Pmax.) and minimum (Pmin.) limits of
the pressure range. (See Figure 1 for ranges.)
9.
Life may vary depending on specific application in which sensor is utilized.
10. Contact Honeywell Customer Service for detailed material information.
CAUTION
PRODUCT DAMAGE
Ensure liquid media is applied to Port 1 only; Port 2 is not compatible with liquids.
Ensure liquid media contains no particulates. All TruStability
® sensors are dead-ended devices. Particulates can accumulate
inside the sensor, causing damage or affecting sensor output.
Recommend that the sensor be positioned with Port 1 facing downwards; any particulates in the system are less likely to
enter and settle within the pressure sensor if it is in this position.
Ensure liquid media does not create a residue when dried; build-up inside the sensor may affect sensor output. Rinsing of a
dead-ended sensor is difficult and has limited effectiveness for removing residue.
Ensure liquid media are compatible with wetted materials. Non-compatible liquid media will degrade sensor performance and
may lead to sensor failure.
Failure to comply with these instructions may result in product damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com