công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSL2772 bảng dữ liệu(PDF) 14 Page - ams AG

tên linh kiện TSL2772
Giải thích chi tiết về linh kiện  LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSCO [ams AG]
Trang chủ  http://www.ams.com
Logo AMSCO - ams AG

TSL2772 bảng dữ liệu(HTML) 14 Page - ams AG

Back Button TSL2772 Datasheet HTML 10Page - ams AG TSL2772 Datasheet HTML 11Page - ams AG TSL2772 Datasheet HTML 12Page - ams AG TSL2772 Datasheet HTML 13Page - ams AG TSL2772 Datasheet HTML 14Page - ams AG TSL2772 Datasheet HTML 15Page - ams AG TSL2772 Datasheet HTML 16Page - ams AG TSL2772 Datasheet HTML 17Page - ams AG TSL2772 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
TSL2772
LIGHT-TO-DIGITAL CONVERTER
with PROXIMITY SENSING
TAOS131 − DECEMBER 2011
13
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
Interrupts
The interrupt feature simplifies and improves system efficiency by eliminating the need to poll the sensor for
light intensity or proximity values outside of a user-defined range. While the interrupt function is always enabled
and it’s status is available in the status register (0x13), the output of the interrupt state can be enabled using
the proximity interrupt enable (PIEN) or ALS interrupt enable (AIEN) fields in the enable register (0x00).
Four 16-bit interrupt threshold registers allow the user to set limits below and above a desired light level and
proximity range. An interrupt can be generated when the ALS CH0 data (C0DATA) falls outside of the desired
light level range, as determined by the values in the ALS interrupt low threshold registers (AILTx) and ALS
interrupt high threshold registers (AIHTx). Likewise, an out-of-range proximity interrupt can be generated when
the proximity data (PDATA) falls below the proximity interrupt low threshold (PILTx) or exceeds the proximity
interrupt high threshold (PIHTx).
It is important to note that the thresholds are evaluated in sequence, first the low threshold, then the high
threshold. As a result, if the low threshold is set above the high threshold, the high threshold is ignored and only
the low threshold is evaluated.
To further control when an interrupt occurs, the device provides a persistence filter. The persistence filter allows
the user to specify the number of consecutive out-of-range ALS or proximity occurrences before an interrupt
is generated. The persistence filter register (0x0C) allows the user to set the ALS persistence filter (APERS)
and the proximity persistence filter (PPERS) values. See the persistence filter register for details on the
persistence filter values. Once the persistence filter generates an interrupt, it will continue until a special function
interrupt clear command is received (see command register).
Prox
ADC
Prox
Data
CH0
ADC
CH0
Data
Prox
Integration
CH0
CH1
Upper Limit
Upper Limit
Lower Limit
Lower Limit
Prox Persistence
PILTH(r09), PILTL(r08)
AIHTH(r07), AIHTL(r06)
ALS Persistence
AILTH(r05), AILTL(r04)
PIHTH(r0x0B), PIHTL(r0x0A)
PPERS(r0x0C, b7:4)
APERS(r0x0C, b3:0)
Figure 13. Programmable Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com