| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TSL2672 bảng dữ liệu(PDF) 21 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
TSL2672 bảng dữ liệu(HTML) 21 Page - ams AG |
|
21 / 31 page ![]() TSL2672 DIGITAL PROXIMITY DETECTOR TAOS133 − MAY 2012 20 r r Copyright E 2012, TAOS Inc. The LUMENOLOGY r Company www.taosinc.com Configuration Register (0x0D) The configuration register sets the proximity LED drive level and wait long time. Table 10. Configuration Register 6 75 4 2 31 0 CONFIG Reserved WLONG Reset 0x00 PDL FIELD BITS DESCRIPTION Reserved 7:2 Reserved. Write as 0. WLONG 1 Wait Long. When asserted, the wait cycles are increased by a factor 12 × from that programmed in the WTIME register. PDL 0 Proximity drive level. When asserted, the proximity LDR drive current is reduced by 9. Proximity Pulse Count Register (0x0E) The proximity pulse count register sets the number of proximity pulses that the LDR pin will generate during the Prox Accum state. Table 11. Proximity Pulse Count Register 6 75 4 2 31 0 PPULSE PPULSE Reset 0x00 FIELD BITS DESCRIPTION PPULSE 7:0 Proximity Pulse Count. Specifies the number of proximity pulses to be generated. |