| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT24CS128-10PI bảng dữ liệu(PDF) 10 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT24CS128-10PI bảng dữ liệu(HTML) 10 Page - ATMEL Corporation |
|
10 / 12 page ![]() AT24CS128/256 10 AT24CS128 Ordering Information tWR (max) (ms) ICC (max) ( µµµµA) ISB (max) ( µµµµA) fMAX (kHz) Ordering Code Package Operation Range 10 3000 5.0 1000 AT24CS128-10PC AT24CS128N-10SC AT24CS128W-10SC 8P3 8S1 8S2 Commercial (0 °C to 70°C) 3000 5.0 1000 AT24CS128-10PI AT24CS128N-10SI AT24CS128W-10SI 8P3 8S1 8S2 Industrial (-40 °C to 85°C) 10 1500 0.5 400 AT24CS128-10PC-2.7 AT24CS128N-10SC-2.7 AT24CS128W-10SC-2.7 8P3 8S1 8S2 Commercial (0 °C to 70°C) 1500 0.5 400 AT24CS128-10PI-2.7 AT24CS128N-10SI-2.7 AT24CS128W-10SI-2.7 8P3 8S1 8S2 Industrial (-40 °C to 85°C) 20 800 0.2 100 AT24CS128-10PC-1.8 AT24CS128N-10SC-1.8 AT24CS128W-10SC-1.8 8P3 8S1 8S2 Commercial (0 °C to 70°C) 800 0.2 100 AT24CS128-10PI-1.8 AT24CS128N-10SI-1.8 AT24CS128W-10SI-1.8 8P3 8S1 8S2 Industrial (-40 °C to 85°C) Package Type 8P3 8-Lead, 0.300" Wide, Plastic Dual Inline Package (PDIP) 8S1 8-Lead, 0.150" Wide, Plastic Gull Wing Small Outline (JEDEC SOIC) 8S2 8-Lead, 0.200" Wide, Plastic Gull Wing Small Outline (EIAJ SOIC) Options Blank Standard Operation (4.5V to 5.5V) -2.7 Low-Voltage (2.7V to 5.5V) -1.8 Low-Voltage (1.8V to 3.6V) |