| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS8650B bảng dữ liệu(PDF) 38 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS8650B bảng dữ liệu(HTML) 38 Page - ams AG |
|
38 / 47 page ![]() www.ams.com/AS8650 Revision 1.1 37 - 46 AS8650B Datasheet - Application In form atio n Figure 26. I²C Auto-increment Read Operation Figure 27. Definition of I²C Timing Parameters 12 8 9 SCLK MSB SDA 34 56 7 12 8 9 34 56 7 LSB A A acknowledge from slave acknowledge from master Data byte 1 R Slave address 12 8 9 34 56 7 A No acknowledge from master Last data byte Data byte n 12 8 9 SCLK MSB SDA 34 56 7 12 8 9 34 56 7 LSB A A acknowledge from slave acknowledge from slave register address W Slave address 0 1 S or P S S S or P A 0 A 1 A 2 A 3 A 4 tLOW SCLK SDA tf tr tf tHIGH tSU_DAT S tHD_STA tSU_STA tHD_DAT tBUF tr tSU_STO Sr PS tSP |