| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS5262-HMFP bảng dữ liệu(PDF) 29 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5262-HMFP bảng dữ liệu(HTML) 29 Page - ams AG |
|
29 / 37 page ![]() AS5262 Datasheet - Application In form atio n www.ams.com Revision 1.1 28 - 36 9.5 READ Only Register Map Table 16. Read Only Registers Data Byte Bit Number Symbol Default Description DATA0 (0x28) 0 Not used 0 A read command returns 0 1 OFFSETFINISHED 0 Offset compensation finished 2 AGCFINISHED 0 AGC loop compensation finished 3 CORDICOVF 0 Overflow of the Cordic 4 AGCALARML 0 AGC loop saturation because of B field too strong 5 AGCALARMH 0 AGC loop saturation because of B field too weak 6OTP_RES 0 0=1K resistance selected for OTP download; 1=10K resistance selected for OTP download 7 PARITY_ERR 0 UART parity error flag DATA1 (0x29) 0 CORDICOUT<0> 0 Cordic Output 1 CORDICOUT<1> 0 2 CORDICOUT<2> 0 3 CORDICOUT<3> 0 4 CORDICOUT<4> 0 5 CORDICOUT<5> 0 6 CORDICOUT<6> 0 7 CORDICOUT<7> 0 DATA2 (0x2A) 0 CORDICOUT<8> 0 1 CORDICOUT<9> 0 2 CORDICOUT<10> 0 3 CORDICOUT<11> 0 4 CORDICOUT<12> 0 5 CORDICOUT<13> 0 6 Not used 0 A read command returns all data bits at 0 7 Not used 0 DATA3 (0x2B) 0DSPOUT<0> 0 DSP Output 1DSPOUT<1> 0 2DSPOUT<2> 0 3DSPOUT<3> 0 4DSPOUT<4> 0 5DSPOUT<5> 0 6DSPOUT<6> 0 7DSPOUT<7> 0 |