công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS5262 bảng dữ liệu(PDF) 12 Page - ams AG

tên linh kiện AS5262
Giải thích chi tiết về linh kiện  12-Bit Magnetic Angle Position Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSCO [ams AG]
Trang chủ  http://www.ams.com
Logo AMSCO - ams AG

AS5262 bảng dữ liệu(HTML) 12 Page - ams AG

Back Button AS5262 Datasheet HTML 8Page - ams AG AS5262 Datasheet HTML 9Page - ams AG AS5262 Datasheet HTML 10Page - ams AG AS5262 Datasheet HTML 11Page - ams AG AS5262 Datasheet HTML 12Page - ams AG AS5262 Datasheet HTML 13Page - ams AG AS5262 Datasheet HTML 14Page - ams AG AS5262 Datasheet HTML 15Page - ams AG AS5262 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
AS5262
Datasheet - Detailed Descr i p ti on
www.ams.com
Revision 1.1
11 - 36
8.2.3 Application Specific Programming of the Break Point
The break point BP can be programmed as well with 14 bits. This is important when the default transition point is inside the application range. In
such a case the default transition point must be shifted out of the application range. The parameter BP defines the new position.
Figure 6. Individual Programming of the Break Point BP
8.2.4 Full Scale Mode
Figure 7. Full Scale Mode
For simplification, Figure 7 describes a linear output voltage from rail to rail (0V to VDD) over the complete rotation range. In practice, this is not
feasible due to saturation effects of the output stage transistors. The actual curve will be rounded towards the supply rails (as indicated Figure 7).
0
100 % VDD
360



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37