công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS5261-HMFP bảng dữ liệu(PDF) 28 Page - ams AG

tên linh kiện AS5261-HMFP
Giải thích chi tiết về linh kiện  12-Bit Automotive Angle Position Sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSCO [ams AG]
Trang chủ  http://www.ams.com
Logo AMSCO - ams AG

AS5261-HMFP bảng dữ liệu(HTML) 28 Page - ams AG

Back Button AS5261-HMFP Datasheet HTML 24Page - ams AG AS5261-HMFP Datasheet HTML 25Page - ams AG AS5261-HMFP Datasheet HTML 26Page - ams AG AS5261-HMFP Datasheet HTML 27Page - ams AG AS5261-HMFP Datasheet HTML 28Page - ams AG AS5261-HMFP Datasheet HTML 29Page - ams AG AS5261-HMFP Datasheet HTML 30Page - ams AG AS5261-HMFP Datasheet HTML 31Page - ams AG AS5261-HMFP Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
AS5261
Datasheet - Application In form atio n
www.ams.com
Revision 1.1
27 - 32
9.7 Programming Procedure

Pull-up on out pin

VDD=5V

Wait 10ms (after the startup time device enters communication mode)

Write command: Trimming bits are written in the OTP RAM

Read command: All the trimming bits are read back to check the correctness of the writing procedure.

Write AS5261KEY in the Fuse register: The OTP RAM content is permanently transferred into the Poly Fuse cells.

Wait 10 ms (fuse time)

Write command, R1K_10K<1:0>=(11)b: Poly Fuse cells are downloaded into the RAM memory using a 10K resistance as reference.

Wait 5 ms (download time)

Read R1K_10K register, the expected value is 00b

Write command, R1K_10K<1:0>=(11)b

Read R1K_10K register, the expected value is (11)b. NB: Step11 and Step12 have to be consecutive.

Read command: all the fused bits downloaded with 10K resistance are read back.

Write command, R1K_10K=<1:0>=(10)b: Poly Fuse cells are downloaded into the RAM memory using a 1K resistance as reference.

Wait 5 ms (download time)

Read R1K_10K register, the expected value is (00)b

Write command register, R1K_10K<1:0>=(10)b

Read R1K_10K register, the expected value is (10)b NB: Step18 and Step19 have to be consecutive.

Read command: All the fused bits downloaded with 1K resistance are read back.

Check that read commands at Steps 5, 13 and 19 are matching

Write AS5261 KEY in the Pass2Func register: Device enters normal mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33