| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS5161 bảng dữ liệu(PDF) 31 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5161 bảng dữ liệu(HTML) 31 Page - ams AG |
|
31 / 36 page ![]() AS5161 Datasheet - Application In form atio n www.ams.com Revision 1.1 30 - 35 9.7 Programming Procedure Pull-up on out pin VDD=5V Wait 10ms (after the startup time device enters communication mode) Write command: Trimming bits are written in the OTP RAM Read command: All the trimming bits are read back to check the correctness of the writing procedure. Write AS5161KEY in the Fuse register: The OTP RAM content is permanently transferred into the Poly Fuse cells. Wait 10 ms (fuse time) Write command, R1K_10K<1:0>=(11)b: Poly Fuse cells are downloaded into the RAM memory using a 10K resistance as reference. Wait 5 ms (download time) Read R1K_10K register, the expected value is 00b Write command, R1K_10K<1:0>=(11)b Read R1K_10K register, the expected value is (11)b. NB: Step11 and Step12 have to be consecutive. Read command: all the fused bits downloaded with 10K resistance are read back. Write command, R1K_10K=<1:0>=(10)b: Poly Fuse cells are downloaded into the RAM memory using a 1K resistance as reference. Wait 5 ms (download time) Read R1K_10K register, the expected value is (00)b Write command register, R1K_10K<1:0>=(10)b Read R1K_10K register, the expected value is (10)b NB: Step18 and Step19 have to be consecutive. Read command: All the fused bits downloaded with 1K resistance are read back. Check that read commands at Steps 5, 13 and 19 are matching Write AS5161KEY in the Pass2Func register: Device enters normal mode. |