công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS5048A bảng dữ liệu(PDF) 16 Page - ams AG

tên linh kiện AS5048A
Giải thích chi tiết về linh kiện  Magnetic Rotary Encoder 14-bit Angular Position Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSCO [ams AG]
Trang chủ  http://www.ams.com
Logo AMSCO - ams AG

AS5048A bảng dữ liệu(HTML) 16 Page - ams AG

Back Button AS5048A Datasheet HTML 12Page - ams AG AS5048A Datasheet HTML 13Page - ams AG AS5048A Datasheet HTML 14Page - ams AG AS5048A Datasheet HTML 15Page - ams AG AS5048A Datasheet HTML 16Page - ams AG AS5048A Datasheet HTML 17Page - ams AG AS5048A Datasheet HTML 18Page - ams AG AS5048A Datasheet HTML 19Page - ams AG AS5048A Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Revision 1.3
www.a ustriamicrosystems.com
Page 15 of 2 9
AS5048A/AS5048B
Magnetic Rotary Encoder
14-bit Angular Position Sensor
Datasheet
4.2.7
Register Map SPI
Address
hex
Name
Access
Type
Bit Nr.
Symbol
Default
Description
13
:
0
13
:
3
2
Parity Error
1
Command Invalid
0
Framing Error
13
:
7
6
Verify
5
4
3
Burn
2
1
0
Programming Enable
13
:
8
7
Zero Position <13>
0
:
:
:
0
Zero Position <6>
0
13
:
6
5
Zero Position <5>
0
:
:
:
0
Zero Position <0>
0
13
12
11
Comp High
0
10
Comp Low
0
9
COF
0
8
OCF
1
7
AGC value<7>
1
:
:
:
0
AGC value<0>
0
13
Magnitude<13>
0
:
:
:
0
Magnitude<0>
0
13
Angle <13>
0
:
:
:
0
Angle<0>
0
Diagnostics +
Automatic Gain
Control (AGC)
R
not used
n.a.
Diagnostics flags
Automatic Gain Control value.
0 decimal represents high magnetic field
255 decimal represents low magnetic field
Angle
R
Angle information after ATAN calculation
and zero position adder
x3FFF
x3FFE
Magnitude
R
Magnitude information after ATAN calculation
x3FFD
x0016
not used
OTP Register
Zero Position
Low 6 LSBs
x0017
not used
0
Zero Position remaining 6 lower LSB's
R/W
+
Program
x0003
not used
reserved
0
Programming control register.
Programming must be enabled before burning the
fuse(s). After programming is a verification mandatory.
See programming procedure.
Zero Position value high byte
not used
0
SPI NOP
R
NOP
0
R/W
Programming
Control
R/W
+
Program
OTP Register
Zero Position Hi
No operation dummy information
not used
n.a.
x0001 Clear Error Flag
R
Error Register. All errors are cleared by access
0
x0000
Table 11 SPI regis te r map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30