công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPD1052F bảng dữ liệu(PDF) 5 Page - Toshiba Semiconductor

tên linh kiện TPD1052F
Giải thích chi tiết về linh kiện  High-side Power Switch for Motor, Solenoid and Lamp Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1052F bảng dữ liệu(HTML) 5 Page - Toshiba Semiconductor

  TPD1052F Datasheet HTML 1Page - Toshiba Semiconductor TPD1052F Datasheet HTML 2Page - Toshiba Semiconductor TPD1052F Datasheet HTML 3Page - Toshiba Semiconductor TPD1052F Datasheet HTML 4Page - Toshiba Semiconductor TPD1052F Datasheet HTML 5Page - Toshiba Semiconductor TPD1052F Datasheet HTML 6Page - Toshiba Semiconductor TPD1052F Datasheet HTML 7Page - Toshiba Semiconductor TPD1052F Datasheet HTML 8Page - Toshiba Semiconductor TPD1052F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TPD1052F
2012-01-20
5
Electrical Characteristics (Unless otherwise specified Tch = 40 to 125°C, VDD = 5 to 18V)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Operating supply voltage
VDD (opr)
5
12
18
V
Supply current
IDD
VDD = 12V, VIN = 0V,
Output open.
10
μA
Output leakage current
IOL
VIN = VOUT=0V
10
μA
VIH
VDD = 8 to 18V
2.0
V
Input voltage
VIL
VDD = 8 to 18V
0.8
V
IIN (1)
VIN = 5V
200
μA
Input current
IIN (2)
VIN = 0V
0.2
0.2
μA
Drain-source ON-resistance
RDS (ON)
VDD = 8 to 18V, IO = 0.5A,
VIN = 5V, Tch = 25°C
0.5
0.8
Diagnosis output
voltage
Low level
VDL
IDIAG = 1mA
0.4
V
Diagnosis output
current
High level
IDH
VDIAG = 5V
10
μA
IOC(clamp)
1.2
1.7
2.3
A
Overcurrent detection
IOC(duty)
VDD = 8 to 18V
0.8
1.3
1.8
A
Overtemperature detection
TOT
150
160
200
°C
Mask time(Note 2)
tmask
Cmask=0.033μF, Rmask=1MΩ,
VDD=8 to 18V, Tch=25℃
3.8
ms
tON
1
1
10
30
μs
Switching times
tOFF
1
VDD = 12V, RL = 24Ω,
Tch = 25°C
1
20
60
μs
Note 2: About the Mask time function
Mask time function is built in TPD1052F. Mask time is decided to prevent discharge electricity by
switching-mode overcurrent protection that occur by inrush current. To prevent discharge electricity by
overcurrent protection(switching) that operate by inrush current, Mask time is used. Overcurrent protection is
clamp current in Mask time from VIN=H.
Mask time can roughly set at nether expression.
⎟⎟
⎜⎜
×
×
=
mask
R
ref
R
1
ln
mask
R
mask
C
mask
t
[s]
Rref : Internal resistance 110kΩ(typ.)
When the Mask time is changed, please change Cmask in the state of Rmask=1MΩ.
When overcurrent protection(clamp) is operating, TPD1052F becomes high temperature. Therefore
please set Mask time for channel temperature to become 150℃ or less.
If you do not use Mask time, please open the MASK pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com