| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CDC7005RGZ bảng dữ liệu(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CDC7005RGZ bảng dữ liệu(HTML) 21 Page - Texas Instruments |
|
21 / 34 page ![]() CDC7005 3.3V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER SCAS685L− DECEMBER 2002 − REVISED JUNE 2009 21 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION Another advantage of this clock solution is that the ADC or DAC can be driven directly in an ac-coupling interface as shown in Figure 9, with an external termination in a differential configuration. There is no need for a transformer to generate a differential signal from a single-ended clock source. CLK1 RT 50 Ω PECL Output VIT RT 50 Ω CLK1C DAC Figure 9. Driving DAC or ADC with PECL Output of the CDC7005 |