| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS5040 bảng dữ liệu(PDF) 31 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5040 bảng dữ liệu(HTML) 31 Page - ams AG |
|
31 / 34 page ![]() AS5040 Data Sheet www.austriamicrosystems.com Revision 2.10 30 - 33 Timing Tolerance over Temperature The internal RC oscillator is factory trimmed to ±5%. Over temperature, this tolerance may increase to ±10%. Generally, the timing tolerance has no influence in the accuracy or resolution of the system, as it is used mainly for internal clock generation. The only concern to the user is the width of the PWM output pulse, which relates directly to the timing tolerance of the internal oscillator. This influence however can be cancelled by measuring the complete PWM duty cycle (see Internal Timing Tolerance). |