công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS3658F-BCTP bảng dữ liệu(PDF) 157 Page - ams AG

tên linh kiện AS3658F-BCTP
Giải thích chi tiết về linh kiện  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSCO [ams AG]
Trang chủ  http://www.ams.com
Logo AMSCO - ams AG

AS3658F-BCTP bảng dữ liệu(HTML) 157 Page - ams AG

Back Button AS3658F-BCTP Datasheet HTML 150Page - ams AG AS3658F-BCTP Datasheet HTML 151Page - ams AG AS3658F-BCTP Datasheet HTML 152Page - ams AG AS3658F-BCTP Datasheet HTML 153Page - ams AG AS3658F-BCTP Datasheet HTML 154Page - ams AG AS3658F-BCTP Datasheet HTML 155Page - ams AG AS3658F-BCTP Datasheet HTML 156Page - ams AG AS3658F-BCTP Datasheet HTML 157Page - ams AG AS3658F-BCTP Datasheet HTML 158Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 157 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
156 - 157
AS3658
Data Sheet Confidential - O r de r i n g In fo r m a tio n
13 Ordering Information
The device is available as the standard products listed in Table 189.
Table 189. Ordering Information
Model
Marking
Descriptiom
Delivery Form
Package
AS3658B-BCTP
Tape and Reel in
Dry Pack
BGA124
8x8mm, 0.5mm
pitch
AS3658C-BCTP
Tape and Reel in
Dry Pack
BGA124
8x8mm, 0.5mm
pitch
AS3658D-BCTP
Tape and Reel in
Dry Pack
BGA124
8x8mm, 0.5mm
pitch
AS3658E-BCTP
Tape and Reel in
Dry Pack
BGA124
8x8mm, 0.5mm
pitch
AS3658E1-BCTP
Tape and Reel in
Dry Pack
BGA124
8x8mm, 0.5mm
pitch
AS3658F-BCTP
Tape and Reel in
Dry Pack
BGA124
8x8mm, 0.5mm
pitch
Description: AS3658x-BCTP
x: Boot-ROM version
B: Teperature Range: Z = -40ºC to 85ºC
CT: Pacakage: CTBGA
P:Delivery Form: Tape and Reel in Dry Pack
AS3658B
Power and Audio Management Unit for Portable
Devices, Boot-ROM Version B
AS3658C
Power and Audio Management Unit for Portable
Devices, Boot-ROM Version C
AS3658D
Power and Audio Management Unit for Portable
Devices, Boot-ROM Version D
AS3658E
Power and Audio Management Unit for Portable
Devices, Boot-ROM Version E
AS3658E1
Power and Audio Management Unit for Portable
Devices, Boot-ROM Version E1
AS3658F
Power and Audio Management Unit for Portable
Devices, Boot-ROM Version F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More