| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS3658F-BCTP bảng dữ liệu(PDF) 145 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3658F-BCTP bảng dữ liệu(HTML) 145 Page - ams AG |
|
145 / 158 page ![]() www.austriamicrosystems.com Revision 1v13 144 - 157 AS3658 Data Sheet Confidential - Deta il ed Descri ption - System Functi ons The touchpen controller is operating according to the following state diagram: Figure 60. Touchpen State diagram 10.10.1 Software guidelines 1. Setup the configuration registers (tpen – control 1..3) according the hardware 2. Enable receiving of touchpen interrupts (either through XINT or GPIO4_CURR4) 3. Upon receiving of a touchpen interrupt, readout tpen_xmsb, tpen_ymsb (and if required tpen_pressmsb and tpen_xypresslsb) with a single I2C blockread. This ensured, that the x,y,z is correctly readout and all data belong to one single touchpen x,y,z conversion 4. Perform all the required processing with the data (e.g. accept a pen-down only if the pen is forced onto the touchscreen with a minimum pressure [z-position]) !"#"$%#&#&" ' (& ) ) (& (" *+, *+, *+, (" (&- . |