| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS3658F-BCTP bảng dữ liệu(PDF) 127 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3658F-BCTP bảng dữ liệu(HTML) 127 Page - ams AG |
|
127 / 158 page ![]() Table 135. Interrupt mask 2 Register Addr:48 Interrupt Mask2 These bits mask the interrupt Bit Bit Name Default Access Description www.austriamicrosystems.com Revision 1v13 126 - 157 AS3658 Data Sheet Confidential - Deta il ed Descri ption - System Functi ons 2 charging_tmax_int_mask 1b R/W 0 Interrupt is enabled 1 Interrupt is disabled 3 usb_chdet_int_mask 1b R/W 0 Interrupt is enabled 1 Interrupt is disabled 4 chdet_int_mask 1b R/W 0 Interrupt is enabled 1 Interrupt is disabled 5 onkey_int_mask 1b R/W 0 Interrupt is enabled 1 Interrupt is disabled 6 ovtmp_int_mask 1b R/W 0 Interrupt is enabled 1 Interrupt is disabled 7 LowSup_int_mask 1b R/W 0 Interrupt is enabled 1 Interrupt is disabled 0 sd1_lv_int_mask 1b R/W 0 Interrupt is enabled 1 Interrupt is disabled 1 sd2_lv_int_mask 1b R/W 0 Interrupt is enabled 1 Interrupt is disabled 2 sd3_lv_int_mask 1b R/W 0 Interrupt is enabled 1 Interrupt is disabled 3 dig1_lv_int_mask 1b R/W 0 Interrupt is enabled 1 Interrupt is disabled 4 dig2_lv_int_mask 1b R/W 0 Interrupt is enabled 1 Interrupt is disabled 5 hphcurr_int_mask 1b R/W 0 Interrupt is enabled 1 Interrupt is disabled 6 bat_temp_int_mask 1b R/W 0 Interrupt is enabled 1 Interrupt is disabled 7 stpup1_int_mask 1b R/W 0 Interrupt is enabled 1 Interrupt is disabled Table 134. Interrupt mask 1 Register Addr:47 Interrupt Mask1 These bits mask the interrupt Bit Bit Name Default Access Description |