| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EPC4 bảng dữ liệu(PDF) 5 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EPC4 bảng dữ liệu(HTML) 5 Page - Altera Corporation |
|
5 / 36 page ![]() Functional Description Page 5 Enhanced Configuration (EPC) Devices Datasheet January 2012 Altera Corporation f For more information about EPC devices, refer to the PCN0506: Addition of Intel Flash Memory As Source for EPC4, EPC8, and EPC16 Enhanced Configuration Devices and Using the Intel Flash Memory-Based EPC4, EPC8 and EPC16 Devices white paper. FLEX 10K EPF10K10 118,000 1 1 1 EPF10K20 231,000 1 1 1 EPF10K30 376,000 1 1 1 EPF10K40 498,000 1 1 1 EPF10K50 621,000 1 1 1 EPF10K70 892,000 1 1 1 EPF10K100 1,200,000 1 1 1 FLEX 10KA EPF10K10A 120,000 1 1 1 EPF10K30A 406,000 1 1 1 EPF10K50V 621,000 1 1 1 EPF10K100A 1,200,000 1 1 1 EPF10K130V 1,600,000 1 1 1 EPF10K250A 3,300,000 1 1 1 FLEX 10KE EPF10K30E 473,720 1 1 1 EPF10K50E 784,184 1 1 1 EPF10K50S 784,184 1 1 1 EPF10K100B 1,200,000 1 1 1 EPF10K100E 1,335,720 1 1 1 EPF10K130E 1,838,360 1 1 1 EPF10K200E 2,756,296 1 1 1 EPF10K200S 2,756,296 1 1 1 Mercury EP1M120 1,303,120 1 — 1 EP1M350 4,394,032 1 — 1 Notes to Table 2: (1) The Raw Binary File (.rbf) sizes are used to determine the data size for each device. (2) These values are calculated with the compression feature of the EPC device enabled. Table 2. Supported EPC Devices for Each Device Family (Part 3 of 3) Device Family Device Data Size (Bits) (1) EPC Devices EPC4 (2) EPC8 (2) EPC16 (2) |