| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP2502X bảng dữ liệu(PDF) 57 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2502X bảng dữ liệu(HTML) 57 Page - Microchip Technology |
|
57 / 66 page ![]() © 2007 Microchip Technology Inc. DS21664D-page 57 MCP2502X/5X 10.0 PACKAGING INFORMATION 10.1 Package Marking Information 14-Lead PDIP (300 mil) Example: 14-Lead SOIC (208 mil) Example: XXXXXXXXXXXXXX XXXXXXXXXXXXXX YYWWNNN XXXXXXXXXXX YYWWNNN XXXXXXXXXXX MCP25050 XXXXXXXXXXXXXX 0725NNN MCP25055 0737NNN XXXXXXXXXXX Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 3 e 3 e |