công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP9510 bảng dữ liệu(PDF) 11 Page - Microchip Technology

tên linh kiện MCP9510
Giải thích chi tiết về linh kiện  Resistor-Programmable Temperature Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9510 bảng dữ liệu(HTML) 11 Page - Microchip Technology

Back Button MCP9510 Datasheet HTML 7Page - Microchip Technology MCP9510 Datasheet HTML 8Page - Microchip Technology MCP9510 Datasheet HTML 9Page - Microchip Technology MCP9510 Datasheet HTML 10Page - Microchip Technology MCP9510 Datasheet HTML 11Page - Microchip Technology MCP9510 Datasheet HTML 12Page - Microchip Technology MCP9510 Datasheet HTML 13Page - Microchip Technology MCP9510 Datasheet HTML 14Page - Microchip Technology MCP9510 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
© 2008 Microchip Technology Inc.
DS22114A-page 11
MCP9509/10
4.0
FUNCTIONAL DESCRIPTION
The MCP9509/10 integrates a temperature switch with
a user programmable threshold. The temperature
switch threshold or alert limit is programmed using an
external resistor RSET. A logic signal is asserted when
the die temperature crosses the programmed alert
limit. The MCP9509 has an Open-Drain output which
requires an external pull-up resistor for operation. The
MCP9510 output can be configured to three user
selectable output configurations. The OUTSET pin is
used to select Active-Low Push-Pull, Active-Low
Open-Drain (with internal 100 k
Ω pull-up resistor),
Active-High Push-Pull output configurations. In addi-
tion, this device provides user selectable hysteresis of
2°C and 10°C (typical).
4.1
SET Input Pin
The SET input pin is used to connect an external
resistor RSET. The resistor sets the alert threshold. The
SET pin outputs a constant current ISET (~5 µA) to bias
RSET (Shown in Figure 4-1). The voltage across RSET,
VSET, is compared to an internal thermal diode.
FIGURE 4-1:
SET input.
When the thermal diode voltage exceeds VSET, the
sensor
output
asserts.
The
assert
polarity
is
determined by the state of the OUTSET pin.
4.2
MCP9510 OUTSET Input Pin
This pin is used to select the device output configura-
tion. This feature enables in-circuit device output con-
figuration by driving this pin with a microcontroller I/O
pin to Output-HIGH, Output-LOW, or High-Impedance
input. Figure 4-4 shows the configuration and output
conditions.
The input structure of this pin consists of a resistor lad-
der and comparators to determine OUTSET level
threshold. Figure 4-2 shows the circuit configuration.
The OUTSET input resistance must be carefully
considered for leakage current when connecting volt-
age source to change output configuration.
FIGURE 4-2:
MCP9510 OUTSET Input
Structure.
The OUTSET pin input impedance ZOUTSET is set by
the internal resistance RA = 1 MΩ (typical). The input
structure is a voltage divider network from VDD.
Therefore, the leakage current on the OUTSET pin is a
function of change in VDD and the VOSET.
4.3
HYST Input Pin (Hysteresis Select)
The MCP9509/10 family has a user selectable
hysteresis input pin HYST. Hysteresis can be externally
selected to either 2°C (HYST = GND) or 10°C
(HYST = VDD). Figure 4-3 shows graphical description
of change in hysteresis.
For example, if the alert temperature threshold is set to
TSET = 100°C (RSET = 16.1 kΩ) with an Active-Low out-
put configuration, the output asserts Low when temper-
ature exceeds 100°C ± TACY. The output remains
asserted Low until temperautre falls below THYST, 98°C
(HYST = GND) or 90°C (HYST = VDD).
FIGURE 4-3:
Output Hysteresis.
SET
RSET
VSET
ISET
Rx
+
-
OUT/
OUT
Thermal
Diode
VDD
+
-
-
+
OUTSET
Pin
RA
RA
R1
R2
R3
MCP9510
Cold
Hot
TSET
THYST
Temperature
V
10°C Typical Hysteresis
2°C Typical
Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com