công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP9510 bảng dữ liệu(PDF) 19 Page - Microchip Technology

tên linh kiện MCP9510
Giải thích chi tiết về linh kiện  Resistor-Programmable Temperature Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9510 bảng dữ liệu(HTML) 19 Page - Microchip Technology

Back Button MCP9510 Datasheet HTML 15Page - Microchip Technology MCP9510 Datasheet HTML 16Page - Microchip Technology MCP9510 Datasheet HTML 17Page - Microchip Technology MCP9510 Datasheet HTML 18Page - Microchip Technology MCP9510 Datasheet HTML 19Page - Microchip Technology MCP9510 Datasheet HTML 20Page - Microchip Technology MCP9510 Datasheet HTML 21Page - Microchip Technology MCP9510 Datasheet HTML 22Page - Microchip Technology MCP9510 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
© 2008 Microchip Technology Inc.
DS22114A-page 19
MCP9509/10
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
1
23
5
4
5-Lead SOT-23
Example:
XXNN
1
23
5
4
AQ25
Device
Code
MCP9509CT-E/OT
AQNN
MCP9509HT-E/OT
BPNN
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
1
6-Lead SOT-23
XXNN
Example
1
AK25
Part Number
Code
MCP9510CT-E/CH
AKNN
MCP9510HT-E/CH
ALNN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28