| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP6044 bảng dữ liệu(PDF) 3 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6044 bảng dữ liệu(HTML) 3 Page - Microchip Technology |
|
3 / 34 page ![]() © 2008 Microchip Technology Inc. DS21669C-page 3 MCP6041/2/3/4 AC ELECTRICAL CHARACTERISTICS MCP6043 CHIP SELECT (CS) ELECTRICAL CHARACTERISTICS FIGURE 1-1: Chip Select (CS) Timing Diagram (MCP6043 only). Electrical Characteristics: Unless otherwise indicated, V DD = +1.4V to +5.5V, VSS =GND, TA = 25°C, VCM =VDD/2, VOUT ≈ VDD/2, VL =VDD/2, RL = 1 MΩ to VL, and CL = 60 pF (refer to Figure 1-2 and Figure 1-3). Parameters Sym Min Typ Max Units Conditions AC Response Gain Bandwidth Product GBWP — 14 — kHz Slew Rate SR — 3.0 — V/ms Phase Margin PM — 65 — ° G = +1 V/V Noise Input Voltage Noise Eni —5.0 — µVP-P f = 0.1 Hz to 10 Hz Input Voltage Noise Density eni —170 — nV/ √Hz f = 1 kHz Input Current Noise Density ini —0.6 — fA/ √Hz f = 1 kHz Electrical Characteristics: Unless otherwise indicated, V DD = +1.4V to +5.5V, VSS =GND, TA = 25°C, VCM =VDD/2, VOUT ≈ VDD/2, VL =VDD/2, RL = 1 MΩ to VL, and CL = 60 pF (refer to Figure 1-2 and Figure 1-3). Parameters Sym Min Typ Max Units Conditions CS Low Specifications CS Logic Threshold, Low VIL VSS —VSS+0.3 V CS Input Current, Low ICSL —5— pA CS = VSS CS High Specifications CS Logic Threshold, High VIH VDD–0.3 — VDD V CS Input Current, High ICSH —5— pA CS = VDD CS Input High, GND Current ISS —-20 — pA CS = VDD Amplifier Output Leakage, CS High IOLEAK —20— pA CS = VDD Dynamic Specifications CS Low to Amplifier Output Turn-on Time tON — 2 50 ms G = +1V/V, CS = 0.3V to VOUT = 0.9VDD/2 CS High to Amplifier Output High-Z tOFF — 10 — µs G = +1V/V, CS = VDD–0.3V to VOUT = 0.1VDD/2 Hysteresis VHYST —0.6 — V VDD = 5.0V VIL High-Z tON VIH CS tOFF VOUT -20 pA High-Z ISS ICS 5pA -20 pA -0.6 µA (typical) (typical) (typical) (typical) |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |