công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EP4CE115 bảng dữ liệu(PDF) 13 Page - Altera Corporation

tên linh kiện EP4CE115
Giải thích chi tiết về linh kiện  Cyclone IV Device Datasheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALTERA [Altera Corporation]
Trang chủ  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE115 bảng dữ liệu(HTML) 13 Page - Altera Corporation

Back Button EP4CE115 Datasheet HTML 9Page - Altera Corporation EP4CE115 Datasheet HTML 10Page - Altera Corporation EP4CE115 Datasheet HTML 11Page - Altera Corporation EP4CE115 Datasheet HTML 12Page - Altera Corporation EP4CE115 Datasheet HTML 13Page - Altera Corporation EP4CE115 Datasheet HTML 14Page - Altera Corporation EP4CE115 Datasheet HTML 15Page - Altera Corporation EP4CE115 Datasheet HTML 16Page - Altera Corporation EP4CE115 Datasheet HTML 17Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
Chapter 1: Cyclone IV Device Datasheet
1–13
Operating Conditions
December 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 3
Table 1–16. Single
-Ended SSTL and HSTL I/O Reference Voltage Specifications for Cyclone IV Devices (1)
I/O
Standard
VCCIO (V)
VREF (V)
VTT (V) (2)
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
SSTL
-2
Class I, II
2.375
2.5
2.625
1.19
1.25
1.31
VREF –
0.04
VREF
VREF +
0.04
SSTL
-18
Class I, II
1.7
1.8
1.9
0.833
0.9
0.969
VREF –
0.04
VREF
VREF +
0.04
HSTL
-18
Class I, II
1.71
1.8
1.89
0.85
0.9
0.95
0.85
0.9
0.95
HSTL
-15
Class I, II
1.425
1.5
1.575
0.71
0.75
0.79
0.71
0.75
0.79
HSTL
-12
Class I, II
1.14
1.2
1.26
0.48 x VCCIO (3)
0.5 x VCCIO (3)
0.52 x VCCIO (3)
—
0.5 x
VCCIO
—
0.47 x VCCIO (4)
0.5 x VCCIO (4)
0.53 x VCCIO (4)
Notes to Table 1–16:
(1) For an explanation of terms used in Table 1–16, refer to “Glossary” on page 1–37.
(2) VTT of the transmitting device must track VREF of the receiving device.
(3) Value shown refers to DC input reference voltage, VREF(DC).
(4) Value shown refers to AC input reference voltage, VREF(AC).
Table 1–17. Single
-Ended SSTL and HSTL I/O Standards Signal Specifications for Cyclone IV Devices
I/O
Standard
VIL(DC) (V)
VIH(DC) (V)
VIL(AC) (V)
VIH(AC) (V)
VOL (V)
VOH (V)
IOL
(mA)
IOH
(mA)
Min
Max
Min
Max
Min
Max
Min
Max
Max
Min
SSTL
-2
Class I
—
VREF –
0.18
VREF +
0.18
——
VREF –
0.35
VREF +
0.35
—
VTT –
0.57
VTT +
0.57
8.1
–8.1
SSTL
-2
Class II
—
VREF –
0.18
VREF +
0.18
——
VREF –
0.35
VREF +
0.35
—
VTT –
0.76
VTT +
0.76
16.4
–16.4
SSTL
-18
Class I
—
VREF –
0.125
VREF +
0.125
——
VREF –
0.25
VREF +
0.25
—
VTT –
0.475
VTT +
0.475
6.7
–6.7
SSTL
-18
Class II
—
VREF –
0.125
VREF +
0.125
——
VREF –
0.25
VREF +
0.25
—0.28
VCCIO –
0.28
13.4
–13.4
HSTL
-18
Class I
—
VREF –
0.1
VREF +
0.1
——
VREF –
0.2
VREF +
0.2
—0.4
VCCIO –
0.4
8–8
HSTL
-18
Class II
—
VREF –
0.1
VREF +
0.1
——
VREF –
0.2
VREF +
0.2
—0.4
VCCIO –
0.4
16
–16
HSTL
-15
Class I
—
VREF –
0.1
VREF +
0.1
——
VREF –
0.2
VREF +
0.2
—0.4
VCCIO –
0.4
8–8
HSTL
-15
Class II
—
VREF –
0.1
VREF +
0.1
——
VREF –
0.2
VREF +
0.2
—0.4
VCCIO –
0.4
16
–16
HSTL
-12
Class I
–0.15
VREF –
0.08
VREF +
0.08
VCCIO + 0.15 –0.24
VREF –
0.15
VREF +
0.15
VCCIO +
0.24
0.25 ×
VCCIO
0.75 ×
VCCIO
8–8
HSTL
-12
Class II
–0.15
VREF –
0.08
VREF +
0.08
VCCIO + 0.15 –0.24
VREF –
0.15
VREF +
0.15
VCCIO +
0.24
0.25 ×
VCCIO
0.75 ×
VCCIO
14
–14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42