công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EP2C50 bảng dữ liệu(PDF) 18 Page - Altera Corporation

tên linh kiện EP2C50
Giải thích chi tiết về linh kiện  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALTERA [Altera Corporation]
Trang chủ  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C50 bảng dữ liệu(HTML) 18 Page - Altera Corporation

Back Button EP2C50 Datasheet HTML 14Page - Altera Corporation EP2C50 Datasheet HTML 15Page - Altera Corporation EP2C50 Datasheet HTML 16Page - Altera Corporation EP2C50 Datasheet HTML 17Page - Altera Corporation EP2C50 Datasheet HTML 18Page - Altera Corporation EP2C50 Datasheet HTML 19Page - Altera Corporation EP2C50 Datasheet HTML 20Page - Altera Corporation EP2C50 Datasheet HTML 21Page - Altera Corporation EP2C50 Datasheet HTML 22Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 168 page
background image
2–6
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2007
Logic Elements
Figure 2–4. LE in Arithmetic Mode
The Quartus II Compiler automatically creates carry chain logic during
design processing, or you can create it manually during design entry.
Parameterized functions such as LPM functions automatically take
advantage of carry chains for the appropriate functions.
The Quartus II Compiler creates carry chains longer than 16 LEs by
automatically linking LABs in the same column. For enhanced fitting, a
long carry chain runs vertically, which allows fast horizontal connections
to M4K memory blocks or embedded multipliers through direct link
interconnects. For example, if a design has a long carry chain in a LAB
column next to a column of M4K memory blocks, any LE output can feed
an adjacent M4K memory block through the direct link interconnect.
Whereas if the carry chains ran horizontally, any LAB not next to the
column of M4K memory blocks would use other row or column
interconnects to drive a M4K memory block. A carry chain continues as
far as a full column.
clock (LAB Wide)
ena (LAB Wide)
aclr (LAB Wide)
CLRN
D
Q
ENA
Register chain
connection
sclear
(LAB Wide)
sload
(LAB Wide)
Register
chain output
Row, column, and
direct link routing
Row, column, and
direct link routing
Local routing
Register Feedback
Three-Input
LUT
Three-Input
LUT
cin (from cout
of previous LE)
data2
data1
cout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More