công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP1316M bảng dữ liệu(PDF) 5 Page - Microchip Technology

tên linh kiện MCP1316M
Giải thích chi tiết về linh kiện  Voltage Supervisor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1316M bảng dữ liệu(HTML) 5 Page - Microchip Technology

  MCP1316M Datasheet HTML 1Page - Microchip Technology MCP1316M Datasheet HTML 2Page - Microchip Technology MCP1316M Datasheet HTML 3Page - Microchip Technology MCP1316M Datasheet HTML 4Page - Microchip Technology MCP1316M Datasheet HTML 5Page - Microchip Technology MCP1316M Datasheet HTML 6Page - Microchip Technology MCP1316M Datasheet HTML 7Page - Microchip Technology MCP1316M Datasheet HTML 8Page - Microchip Technology MCP1316M Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
© 2007 Microchip Technology Inc.
DS21985B-page 5
MCP131X/2X
Threshold Hysteresis
MCP13XX-20
VHYS
0.020
—
0.120
V
TA = +25°C (Note 3)
(Note 3)
(Note 6)
(Note 6)
V
TA = -40°C to +85°C
MCP13XX-21
0.021
—
0.126
V
TA = +25°C (Note 3)
(Note 6)
(Note 6)
V
TA = -40°C to +85°C
MCP13XX-22
0.022
—
0.132
V
TA = +25°C (Note 3)
(Note 6)
(Note 6)
V
TA = -40°C to +85°C
MCP13XX-23
0.023
—
0.138
V
TA = +25°C (Note 3)
(Note 6)
(Note 6)
V
TA = -40°C to +85°C
MCP13XX-24
0.024
—
0.144
V
TA = +25°C (Note 3)
(Note 6)
(Note 6)
V
TA = -40°C to +85°C
MCP13XX-25
0.025
—
0.150
V
TA = +25°C (Note 3)
(Note 6)
(Note 6)
V
TA = -40°C to +125°C
MCP13XX-26
0.026
—
0.156
V
TA = +25°C (Note 3)
(Note 6)
(Note 6)
V
TA = -40°C to +125°C
MCP13XX-27
0.027
—
0.162
V
TA = +25°C (Note 3)
(Note 6)
(Note 6)
V
TA = -40°C to +125°C
MCP13XX-28
0.028
—
0.168
V
TA = +25°C (Note 3)
(Note 6)
(Note 6)
V
TA = -40°C to +125°C
MCP13XX-29
0.029
—
0.174
V
TA = +25°C (Note 3)
(Note 6)
VTA = -40°C to +125°C
MCP13XX-30
0.030
—
0.180
V
TA = +25°C (Note 3)
(Note 6)
(Note 6)
V
TA = -40°C to +125°C
MCP13XX-31
0.031
—
0.186
V
TA = +25°C (Note 3)
(Note 6)
(Note 6)
V
TA = -40°C to +125°C
MCP13XX-32
0.032
—
0.192
V
TA = +25°C (Note 3)
(Note 6)
(Note 6)
V
TA = -40°C to +125°C
MCP13XX-33
0.033
—
0.198
V
TA = +25°C (Note 3)
(Note 6)
(Note 6)
V
TA = -40°C to +125°C
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, all limits are specified for VDD = 1V to 5.5V, RPU = 100 kΩ
(only MCP1320, MCP1321, and MCP1322), TA = -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
Trip point is ±1.5% from typical value.
2:
Trip point is ±2.5% from typical value.
3:
Hysterysis is minimum = 1%, maximum = 6% at +25°C.
4:
This specification allows this device to be used in PIC® microcontroller applications that require the In-Cir-
cuit Serial Programming™ (ICSP™) feature (see device-specific programming specifications for voltage
requirements). The total time that the RST pin can be above the maximum device operational voltage
(5.5V) is 100s. Current into the RST pin should be limited to 2 mA. It is recommended that the device oper-
ational temperature be maintained between 0°C to +70°C (+25°C preferred). For additional information,
refer to Figure 2-35.
5:
This parameter is established by characterization and is not 100% tested.
6:
Custom ordered voltage trip point; minimum order volume requirement. Information available upon request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com