công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP120 bảng dữ liệu(PDF) 6 Page - Microchip Technology

tên linh kiện MCP120
Giải thích chi tiết về linh kiện  Microcontroller Supervisory Circuit with Open Drain Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP120 bảng dữ liệu(HTML) 6 Page - Microchip Technology

Back Button MCP120 Datasheet HTML 2Page - Microchip Technology MCP120 Datasheet HTML 3Page - Microchip Technology MCP120 Datasheet HTML 4Page - Microchip Technology MCP120 Datasheet HTML 5Page - Microchip Technology MCP120 Datasheet HTML 6Page - Microchip Technology MCP120 Datasheet HTML 7Page - Microchip Technology MCP120 Datasheet HTML 8Page - Microchip Technology MCP120 Datasheet HTML 9Page - Microchip Technology MCP120 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MCP120/130
DS11184D-page 6
 2001 Microchip Technology Inc.
3.0
PACKAGING INFORMATION
3.1
Package Marking Information
3-Lead Plastic Transistor Outline (TO-92)
Example:
3-Lead Plastic Small Outline Transistor (SOT23)
Example:
Legend: XX...X
Customer specific information*
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard OTP marking consists of Microchip part number, year code, week code, and traceability code.
For OTP marking beyond this, certain price adders apply. Please check with your Microchip Sales Office.
For QTP devices, any special marking adders are included in QTP price.
XXXXXX
XXXXXX
XXXXXX
YWWNNN
MCP120
XXXXXX
XXXXXX
YWWNNN
XXNN
PKNN
SOT23 PARTS LABELING:
The table below identifies the first 2 characters (XX) in the 4-character field
(XXNN) for marking of the 3-Lead SOT23 package.
Mark
Part Number
Mark
Part Number
SJ
MCP120T-270I/TT
PJ
MCP130T-270I/TT
SK
MCP120T-300I/TT
PK
MCP130T-300I/TT
SL
MCP120T-315I/TT
PL
MCP130T-315I/TT
SM
MCP120T-450I/TT
PM
MCP130T-450I/TT
SN
MCP120T-460I/TT
PN
MCP130T-460I/TT
SO
MCP120T-475I/TT
PO
MCP130T-475I/TT
SP
MCP120T-485I/TT
PP
MCP130T-485I/TT
8-Lead Plastic Small Outline (SOIC)
Example:
XXXXYYWW
NNN
XXXXXXXX
XXXXYYWW
NNN
MCP120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16