công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

64GA110 bảng dữ liệu(PDF) 86 Page - Microchip Technology

tên linh kiện 64GA110
Giải thích chi tiết về linh kiện  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA110 bảng dữ liệu(HTML) 86 Page - Microchip Technology

Back Button 64GA110 Datasheet HTML 82Page - Microchip Technology 64GA110 Datasheet HTML 83Page - Microchip Technology 64GA110 Datasheet HTML 84Page - Microchip Technology 64GA110 Datasheet HTML 85Page - Microchip Technology 64GA110 Datasheet HTML 86Page - Microchip Technology 64GA110 Datasheet HTML 87Page - Microchip Technology 64GA110 Datasheet HTML 88Page - Microchip Technology 64GA110 Datasheet HTML 89Page - Microchip Technology 64GA110 Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 330 page
background image
PIC24FJ256GA110 FAMILY
DS39905E-page 86
 2010 Microchip Technology Inc.
bit 1
MI2C1IE:
Master I2C1 Event Interrupt Enable bit
1
= Interrupt request enabled
0
= Interrupt request not enabled
bit 0
SI2C1IE:
Slave I2C1 Event Interrupt Enable bit
1
= Interrupt request enabled
0
= Interrupt request not enabled
REGISTER 7-12:
IEC1: INTERRUPT ENABLE CONTROL REGISTER 1 (CONTINUED)
Note 1:
If an external interrupt is enabled, the interrupt input must also be configured to an available RPn or RPIn
pin. See Section 10.4 “Peripheral Pin Select” for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More