| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
64GA108 bảng dữ liệu(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
64GA108 bảng dữ liệu(HTML) 19 Page - Microchip Technology |
|
19 / 330 page ![]() 2010 Microchip Technology Inc. DS39905E-page 19 PIC24FJ256GA110 FAMILY RA0 — — 17 I/O ST PORTA Digital I/O. RA1 — — 38 I/O ST RA2 — — 58 I/O ST RA3 — — 59 I/O ST RA4 — — 60 I/O ST RA5 — — 61 I/O ST RA6 — — 91 I/O ST RA7 — — 92 I/O ST RA9 — 23 28 I/O ST RA10 — 24 29 I/O ST RA14 — 52 66 I/O ST RA15 — 53 67 I/O ST RB0 16 20 25 I/O ST PORTB Digital I/O. RB1 15 19 24 I/O ST RB2 14 18 23 I/O ST RB3 13 17 22 I/O ST RB4 12 16 21 I/O ST RB5 11 15 20 I/O ST RB6 17 21 26 I/O ST RB7 18 22 27 I/O ST RB8 21 27 32 I/O ST RB9 22 28 33 I/O ST RB10 23 29 34 I/O ST RB11 24 30 35 I/O ST RB12 27 33 41 I/O ST RB13 28 34 42 I/O ST RB14 29 35 43 I/O ST RB15 30 36 44 I/O ST RC1 — 4 6 I/O ST PORTC Digital I/O. RC2 — — 7 I/O ST RC3 — 5 8 I/O ST RC4 — — 9 I/O ST RC12 39 49 63 I/O ST RC13 47 59 73 I/O ST RC14 48 60 74 I/O ST RC15 40 50 64 I/O ST TABLE 1-4: PIC24FJ256GA110 FAMILY PINOUT DESCRIPTIONS (CONTINUED) Function Pin Number I/O Input Buffer Description 64-Pin TQFP, QFN 80-Pin TQFP 100-Pin TQFP Legend: TTL = TTL input buffer ST = Schmitt Trigger input buffer ANA = Analog level input/output I2C™ = I2C/SMBus input buffer |