| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F242 bảng dữ liệu(PDF) 177 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F242 bảng dữ liệu(HTML) 177 Page - Microchip Technology |
|
177 / 332 page ![]() © 2006 Microchip Technology Inc. DS39564C-page 175 PIC18FXX2 FIGURE 16-5: ASYNCHRONOUS RECEPTION TABLE 16-7: REGISTERS ASSOCIATED WITH ASYNCHRONOUS RECEPTION START bit bit7/8 bit1 bit0 bit7/8 bit0 STOP bit START bit START bit bit7/8 STOP bit RX (pin) Reg Rcv Buffer Reg Rcv Shift Read Rcv Buffer Reg RCREG RCIF (Interrupt Flag) OERR bit CREN Word 1 RCREG Word 2 RCREG STOP bit Note: This timing diagram shows three words appearing on the RX input. The RCREG (receive buffer) is read after the third word, causing the OERR (overrun) bit to be set. Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Value on All Other RESETS INTCON GIE/GIEH PEIE/ GIEL TMR0IE INT0IE RBIE TMR0IF INT0IF RBIF 0000 000x 0000 000u PIR1 PSPIF(1) ADIF RCIF TXIF SSPIF CCP1IF TMR2IF TMR1IF 0000 0000 0000 0000 PIE1 PSPIE(1) ADIE RCIE TXIE SSPIE CCP1IE TMR2IE TMR1IE 0000 0000 0000 0000 IPR1 PSPIP(1) ADIP RCIP TXIP SSPIP CCP1IP TMR2IP TMR1IP 0000 0000 0000 0000 RCSTA SPEN RX9 SREN CREN ADDEN FERR OERR RX9D 0000 -00x 0000 -00x RCREG USART Receive Register 0000 0000 0000 0000 TXSTA CSRC TX9 TXEN SYNC —BRGH TRMT TX9D 0000 -010 0000 -010 SPBRG Baud Rate Generator Register 0000 0000 0000 0000 Legend: x = unknown, - = unimplemented locations read as '0'. Shaded cells are not used for Asynchronous Reception. Note 1: The PSPIF, PSPIE and PSPIP bits are reserved on the PIC18F2X2 devices; always maintain these bits clear. |