| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F882-I bảng dữ liệu(PDF) 22 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F882-I bảng dữ liệu(HTML) 22 Page - Microchip Technology |
|
22 / 328 page ![]() PIC16F882/883/884/886/887 DS41291F-page 20 © 2009 Microchip Technology Inc. RD7/P1D RD7 TTL CMOS General purpose I/O. P1D AN — PWM output. RE0/AN5 RE0 TTL CMOS General purpose I/O. AN5 AN — A/D Channel 5. RE1/AN6 RE1 TTL CMOS General purpose I/O. AN6 AN — A/D Channel 6. RE2/AN7 RE2 TTL CMOS General purpose I/O. AN7 AN — A/D Channel 7. RE3/MCLR/VPP RE3 TTL — General purpose input. MCLR ST — Master Clear with internal pull-up. VPP HV — Programming voltage. VSS VSS Power — Ground reference. VDD VDD Power — Positive supply. TABLE 1-2: PIC16F884/887 PINOUT DESCRIPTION (CONTINUED) Name Function Input Type Output Type Description Legend: AN = Analog input or output CMOS = CMOS compatible input or output OD = Open Drain TTL = TTL compatible input ST = Schmitt Trigger input with CMOS levels HV = High Voltage XTAL = Crystal |