| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSPIC33FJ256GP710 bảng dữ liệu(PDF) 76 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ256GP710 bảng dữ liệu(HTML) 76 Page - Microchip Technology |
|
76 / 322 page ![]() dsPIC33FJXXXGPX06/X08/X10 DS70286C-page 74 © 2009 Microchip Technology Inc. REGISTER 5-2: NVMKEY: NON-VOLATILE MEMORY KEY REGISTER U-0 U-0 U-0 U-0 U-0 U-0 U-0 U-0 — — — — — — — — bit 15 bit 8 W-0 W-0 W-0 W-0 W-0 W-0 W-0 W-0 NVMKEY<7:0> bit 7 bit 0 Legend: SO = Settable only bit R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-8 Unimplemented: Read as ‘0’ bit 7-0 NVMKEY<7:0>: Key Register (Write Only) bits |