công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSPIC33FJ128GP310 bảng dữ liệu(PDF) 84 Page - Microchip Technology

tên linh kiện DSPIC33FJ128GP310
Giải thích chi tiết về linh kiện  High-Performance,16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ128GP310 bảng dữ liệu(HTML) 84 Page - Microchip Technology

Back Button DSPIC33FJ128GP310 Datasheet HTML 80Page - Microchip Technology DSPIC33FJ128GP310 Datasheet HTML 81Page - Microchip Technology DSPIC33FJ128GP310 Datasheet HTML 82Page - Microchip Technology DSPIC33FJ128GP310 Datasheet HTML 83Page - Microchip Technology DSPIC33FJ128GP310 Datasheet HTML 84Page - Microchip Technology DSPIC33FJ128GP310 Datasheet HTML 85Page - Microchip Technology DSPIC33FJ128GP310 Datasheet HTML 86Page - Microchip Technology DSPIC33FJ128GP310 Datasheet HTML 87Page - Microchip Technology DSPIC33FJ128GP310 Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 322 page
background image
dsPIC33FJXXXGPX06/X08/X10
DS70286C-page 82
© 2009 Microchip Technology Inc.
FIGURE 7-1:
dsPIC33FJXXXGPX06/X08/X10 INTERRUPT VECTOR TABLE
Reset – GOTO Instruction
0x000000
Reset – GOTO Address
0x000002
Reserved
0x000004
Oscillator Fail Trap Vector
Address Error Trap Vector
Stack Error Trap Vector
Math Error Trap Vector
DMA Error Trap Vector
Reserved
Reserved
Interrupt Vector 0
0x000014
Interrupt Vector 1
~
~
~
Interrupt Vector 52
0x00007C
Interrupt Vector 53
0x00007E
Interrupt Vector 54
0x000080
~
~
~
Interrupt Vector 116
0x0000FC
Interrupt Vector 117
0x0000FE
Reserved
0x000100
Reserved
0x000102
Reserved
Oscillator Fail Trap Vector
Address Error Trap Vector
Stack Error Trap Vector
Math Error Trap Vector
DMA Error Trap Vector
Reserved
Reserved
Interrupt Vector 0
0x000114
Interrupt Vector 1
~
~
~
Interrupt Vector 52
0x00017C
Interrupt Vector 53
0x00017E
Interrupt Vector 54
0x000180
~
~
~
Interrupt Vector 116
Interrupt Vector 117
0x0001FE
Start of Code
0x000200
Interrupt Vector Table (IVT)(1)
Alternate Interrupt Vector Table (AIVT)(1)
Note 1: See Table 7-1 for the list of implemented interrupt vectors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More