| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AOZ8105CI bảng dữ liệu(PDF) 2 Page - Alpha & Omega Semiconductors |
|
|
|||||||||||||||||||||||||||||
AOZ8105CI bảng dữ liệu(HTML) 2 Page - Alpha & Omega Semiconductors |
|
2 / 3 page ![]() 2 This AOS product reliability report summarizes the qualification result for AOZ8105CI. Reviewing of the electrical test results confirm that AOZ8105CI pass AOS quality and reliability requirements. The continuous qualification testing and reliability monitoring program ensure that all outgoing products will continue to meet AOS quality and reliability standards. Table of Contents: I. Product Description II. Package and Die information III. Qualification Tests Result IV. Reliability Evaluation I. Product Description: The AOZ8105CI is a transient voltage suppressor array designed to protect high speed data lines such as HDMI and Gigabit Ethernet from damaging ESD events. -ROHS compliant -Halogen free . Details please refer to the datasheet. II. Package and Die Information: Product ID AOZ8105CI Process HV031A1 Package Type SOT23 Lead Frame Cu Die attach material 84-1MISR4 Die bond wire Cu, 1 mil MSL level Up to Level 1 |