| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AK07G-R6T bảng dữ liệu(PDF) 1 Page - ACCUTEK MICROCIRCUIT CORPORATION |
|
|
|||||||||||||||||||||||||||||
AK07G-R6T bảng dữ liệu(HTML) 1 Page - ACCUTEK MICROCIRCUIT CORPORATION |
|
1 / 4 page ![]() DESCRIPTION The Accutek family of resistor networks is de- signed to create any value or combination of val- ues of resistors into a single compact pluggable module. Using our standard product boards, you specify what value, tolerance, and wattage is necessary and we assemble a resistor network utilizing sur- face mounted chip resistors into the circuit you re- quire. Custom designed resistor networks can also be supplied with your unique pin assignments and cir- cuitry. Also, capacitors can be added to any mod- ule to provide filtering or termination. FEATURES · Resistors of any value or tolerance · SIP, ZIP, or DIP packaging · Mix and match resistors and capacitors · Standard product for quick turn · Custom configurations for special applications RESISTOR NETWORKS ACCUTEK MICROCIRCUIT CORPORATION YOU TELL US WHAT VALUE, TOLERANCE, AND WATTAGE YOU WANT, AND IN A FEW DAYS, YOU WILL RECEIVE THE NETWORK YOU REQUIRE DESIGN YOUR OWN RESISTOR NETWORK ACCUTEK MICROCIRCUIT CORPORATION 5 NEW PASTURE ROAD NEWBURYPORT, MA 01950-4040 PHONE: 978-465-6200 FAX: 978-462-3396 Email: sales@accutekmicro.com Internet: www.accutekmicro.com |
Số phần tương tự - AK07G-R6T |
|
Mô tả tương tự - AK07G-R6T |