| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SRU1048-R80Y bảng dữ liệu(PDF) 2 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
SRU1048-R80Y bảng dữ liệu(HTML) 2 Page - Bourns Electronic Solutions |
|
2 / 2 page ![]() USER DIRECTION OF FEED 160 (6.299) NO COMPONENT NO COMPONENT COMPONENTS 400 (15.748) START 4 (.157) 16 (.63) END SRF0504 Series - Line Filter Packaging Specifications DIMENSIONS: MM (INCHES) QTY: 600 PCS. PER REEL SRU1048 Series - Shielded SMD Power Inductors Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. REV. 11/13 Electrical Schematic Inductor Connection LCR METER 24 (.945) 26 (1.02) 30.4 (1.20) 2.0 ± 0.5 (.079 ± .020) 50.0 (1.969) 330 (12.99) DIA. 13.0 ± 0.5 (.512 ± .020) DIA. 13.0 ± 0.5 (.512 ± .020) DIA. 21.0 ± 0.8 (.827 ± .031) |