| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SRR7045-331M bảng dữ liệu(PDF) 2 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
SRR7045-331M bảng dữ liệu(HTML) 2 Page - Bourns Electronic Solutions |
|
2 / 2 page ![]() Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. SRR7045 Series - Shielded SMD Power Inductors Packaging Specifications DIMENSIONS: MM (INCHES) EMBOSSED CARRIER EMBOSSED CAVITY 0.10 (.004) THICKNESS MAX. QTY: 1000 PCS. PER REEL REV. 02/13 18 (.709) 22.4 (.882) 2.0 ± 0.5 (.079 ± .020) 50.0 (1.969) 330 (13.00) DIA. 13.0 ± 0.5 (.512 ± .020) DIA. 13.0 ± 0.5 (.512 ± .020) DIA. 21.0 ± 0.8 (.827 ± .031) 220 220 2 USER DIRECTION OF FEED 160 (6.299) NO COMPONENT NO COMPONENT COMPONENTS 390 (15.354) START 4 (.157) 12.0 (.472) 5.3 (.209) 16 (.630) END |