công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DDF6311 bảng dữ liệu(PDF) 2 Page - API Technologies Corp

tên linh kiện DDF6311
Giải thích chi tiết về linh kiện  PIN Diode Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  APITECH [API Technologies Corp]
Trang chủ  http://www.apitech.com/
Logo APITECH - API Technologies Corp

DDF6311 bảng dữ liệu(HTML) 2 Page - API Technologies Corp

  DDF6311 Datasheet HTML 1Page - API Technologies Corp DDF6311 Datasheet HTML 2Page - API Technologies Corp DDF6311 Datasheet HTML 3Page - API Technologies Corp DDF6311 Datasheet HTML 4Page - API Technologies Corp DDF6311 Datasheet HTML 5Page - API Technologies Corp DDF6311 Datasheet HTML 6Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DD111
DD111M *
High Speed Drivers
A universal PIN diode driver w ith excellent noise
immunity, very f ast sw itching, 100 mA current
spikes and available test points f or increasing
quiescent output current.
1. W hen using inverting input, connect bias pin 5 to
non-inverting input pin 6.
2. W hen using non-inverting input, connect bias pin 5
to inverting input pin 4.
3. For -30 mA output current, connect pin 8 to pin 9.
4. For positive output currents other than 15 mA or
30 mA , an external resistor can be connected
bet w een pin 8 and +5V . See graph.
5. The negative output current varies w ith V ee and is
specif ied at -12V . W hen driving grounded anode
diodes, V ee should be kept at -5V w here the negative
current w ill be 5 mA . It may be increased by connecting
a resistor f rom TP- (pin 14) to V ee (pin 1). See f igure.
* M suf f ix denotes w elded metal package instead of standard epoxy sealed
ceramic package.
DD211
DD211B
DD211M *
Dual High Speed Drivers
A dual DD111 w ith current programming pins
omitted. This driver is of ten used in SPDT applications
by driving the inverting input of one channel and the
noninverting input of the other channel from the same
TTL input signal.
1. W hen using channel 1 inverting input pin 4, connect
bias pin 5 to non-inverting input pin 6.
2. W hen using channel 2 inverting input pin 11,.
connect bias pin 10 to non-inverting pin 9.
3. W hen using channel 1 non-inverting input pin 6,
connect bias pin 5 to inverting input pin 4.
4. W hen using channel 2 non-inverting input pin 9,
connect bias pin 10 to inverting input pin 11.
5. The tw o drivers are identical except f or quiescent
positive output current, w hich is nominally 15 mA
f or DD211 and 30 mA f or DD211B.
6 W hen driving anode-grounded diodes, care must
be exercised to avoid excessive pow er dissipation.
V ee should be limited to -10 V, at w hich point the
negative output current w ill be approximately
-10 mA . Consult f actory f or design assistance.
* M suf f ix denotes w elded metal package instead of standard epoxy-sealed
ceramic package.
V ee (– 5 to – 15)
Output
Ground
Inv Input
Input Bias
Non Input Inv
+5 V DC
0.035
Pkg
Bottom
.115
M A X
.015
.002
0'0 TY P 002 (M )
.005 +.001
.425
M A X
7
8
1
14
DD111
X X X X
TOP V IEW
0.050
TP–
+30mA
TP+
250 M IN
V ee (– 5 to – 15)
Output
Ground
Inv Input
Input Bias
Non Input Inv
+5 V DC
V ee (– 5 to – 15)
Output
Ground
Inv Input
Input Bias
Non Input Inv
+5 V DC +2
CHA NNEL 1
CHA NNEL 2
.425
SQ
M A X
DD111
X X X X
TOP V IEW
.230
M A X
.110
.035
.005 ± .001
TOP
BOTTOM
250 M IN
TY P
1
14
7
9
.015 ± .003
BOTTOM V IEW
0.050
1
14
7
9
.015
M A X
60
0
50
40
30
20
10
600
500
400
300
200
100
0
Continued on next page.



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com