| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8347ECVVALFB bảng dữ liệu(PDF) 7 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8347ECVVALFB bảng dữ liệu(HTML) 7 Page - Freescale Semiconductor, Inc |
|
7 / 99 page ![]() MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12 Freescale Semiconductor 7 Electrical Characteristics 2.1.1 Absolute Maximum Ratings Table 1 provides the absolute maximum ratings. Table 1. Absolute Maximum Ratings1 Parameter Symbol Max Value Unit Notes Core supply voltage VDD –0.3 to 1.32 (1.36 max for 667-MHz core frequency) V— PLL supply voltage AVDD –0.3 to 1.32 (1.36 max for 667-MHz core frequency) V— DDR and DDR2 DRAM I/O voltage GVDD –0.3 to 2.75 –0.3 to 1.98 V— Three-speed Ethernet I/O, MII management voltage LVDD –0.3 to 3.63 V — PCI, local bus, DUART, system control and power management, I2C, and JTAG I/O voltage OVDD –0.3 to 3.63 V — Input voltage DDR DRAM signals MVIN –0.3 to (GVDD + 0.3) V 2, 5 DDR DRAM reference MVREF –0.3 to (GVDD + 0.3) V 2, 5 Three-speed Ethernet signals LVIN –0.3 to (LVDD + 0.3) V 4, 5 Local bus, DUART, CLKIN, system control and power management, I2C, and JTAG signals OVIN –0.3 to (OVDD + 0.3) V 3, 5 PCI OVIN –0.3 to (OVDD + 0.3) V 6 Storage temperature range TSTG –55 to 150 °C— Notes: 1 Functional and tested operating conditions are given in Table 2. Absolute maximum ratings are stress ratings only, and functional operation at the maximums is not guaranteed. Stresses beyond those listed may affect device reliability or cause permanent damage to the device. 2 Caution: MV IN must not exceed GVDD by more than 0.3 V. This limit can be exceeded for a maximum of 20 ms during power-on reset and power-down sequences. 3 Caution: OV IN must not exceed OVDD by more than 0.3 V. This limit can be exceeded for a maximum of 20 ms during power-on reset and power-down sequences. 4 Caution: LV IN must not exceed LVDD by more than 0.3 V. This limit can be exceeded for a maximum of 20 ms during power-on reset and power-down sequences. 5 (M,L,O)V IN and MVREF may overshoot/undershoot to a voltage and for a maximum duration as shown in Figure 2. 6 OVIN on the PCI interface can overshoot/undershoot according to the PCI Electrical Specification for 3.3-V operation, as shown in Figure 3. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |