công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8347ECZUALFB bảng dữ liệu(PDF) 70 Page - Freescale Semiconductor, Inc

tên linh kiện MPC8347ECZUALFB
Giải thích chi tiết về linh kiện  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECZUALFB bảng dữ liệu(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECZUALFB Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8347ECZUALFB Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
70
Freescale Semiconductor
Package and Pin Listings
General Purpose I/O Timers
GPIO1[0]/DMA_DREQ0/GTM1_TIN1/
GTM2_TIN2
D27
I/O
OVDD
—
GPIO1[1]/DMA_DACK0/GTM1_TGATE1/
GTM2_TGATE2
E26
I/O
OVDD
—
GPIO1[2]/DMA_DDONE0/GTM1_TOUT1
D28
I/O
OVDD
—
GPIO1[3]/DMA_DREQ1/GTM1_TIN2/
GTM2_TIN1
G25
I/O
OVDD
—
GPIO1[4]/DMA_DACK1/GTM1_TGATE2/
GTM2_TGATE1
J24
I/O
OVDD
—
GPIO1[5]/DMA_DDONE1/GTM1_TOUT2/
GTM2_TOUT1
F26
I/O
OVDD
—
GPIO1[6]/DMA_DREQ2/GTM1_TIN3/
GTM2_TIN4
E27
I/O
OVDD
—
GPIO1[7]/DMA_DACK2/GTM1_TGATE3/
GTM2_TGATE4
E28
I/O
OVDD
—
GPIO1[8]/DMA_DDONE2/GTM1_TOUT3
H25
I/O
OVDD
—
GPIO1[9]/DMA_DREQ3/GTM1_TIN4/
GTM2_TIN3
F27
I/O
OVDD
—
GPIO1[10]/DMA_DACK3/
GTM1_TGATE4/GTM2_TGATE3
K24
I/O
OVDD
—
GPIO1[11]/DMA_DDONE3/
GTM1_TOUT4/GTM2_TOUT3
G26
I/O
OVDD
—
USB Port 1
MPH1_D0_ENABLEN/DR_D0_ENABLEN
C28
I/O
OVDD
—
MPH1_D1_SER_TXD/DR_D1_SER_TXD
F25
I/O
OVDD
—
MPH1_D2_VMO_SE0/DR_D2_VMO_SE0
B28
I/O
OVDD
—
MPH1_D3_SPEED/DR_D3_SPEED
C27
I/O
OVDD
—
MPH1_D4_DP/DR_D4_DP
D26
I/O
OVDD
—
MPH1_D5_DM/DR_D5_DM
E25
I/O
OVDD
—
MPH1_D6_SER_RCV/DR_D6_SER_RCV
C26
I/O
OVDD
—
MPH1_D7_DRVVBUS/DR_D7_DRVVBUS
D25
I/O
OVDD
—
MPH1_NXT/DR_SESS_VLD_NXT
B26
I
OVDD
—
MPH1_DIR_DPPULLUP/
DR_XCVR_SEL_DPPULLUP
E24
I/O
OVDD
—
MPH1_STP_SUSPEND/
DR_STP_SUSPEND
A27
O
OVDD
—
MPH1_PWRFAULT/
DR_RX_ERROR_PWRFAULT
C25
I
OVDD
—
Table 56. MPC8347EA (PBGA) Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99