| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8347ECVVALFB bảng dữ liệu(PDF) 61 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8347ECVVALFB bảng dữ liệu(HTML) 61 Page - Freescale Semiconductor, Inc |
|
61 / 99 page ![]() MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12 Freescale Semiconductor 61 Package and Pin Listings LALE AK24 O OVDD — LGPL0/LSDA10/cfg_reset_source0 AP27 I/O OVDD — LGPL1/LSDWE/cfg_reset_source1 AL25 I/O OVDD — LGPL2/LSDRAS/LOE AJ24 O OVDD — LGPL3/LSDCAS/cfg_reset_source2 AN27 I/O OVDD — LGPL4/LGTA/LUPWAIT/LPBSE AP28 I/O OVDD 13 LGPL5/cfg_clkin_div AL26 I/O OVDD — LCKE AM27 O OVDD — LCLK[0:2] AN28, AK26, AP29 O OVDD — LSYNC_OUT AM12 O OVDD — LSYNC_IN AJ10 I OVDD — General Purpose I/O Timers GPIO1[0]/DMA_DREQ0/GTM1_TIN1/ GTM2_TIN2 F24 I/O OVDD — GPIO1[1]/DMA_DACK0/GTM1_TGATE1/ GTM2_TGATE2 E24 I/O OVDD — GPIO1[2]/DMA_DDONE0/GTM1_TOUT1 B25 I/O OVDD — GPIO1[3]/DMA_DREQ1/GTM1_TIN2/ GTM2_TIN1 D24 I/O OVDD — GPIO1[4]/DMA_DACK1/GTM1_TGATE2/ GTM2_TGATE1 A25 I/O OVDD — GPIO1[5]/DMA_DDONE1/GTM1_TOUT2/ GTM2_TOUT1 B24 I/O OVDD — GPIO1[6]/DMA_DREQ2/GTM1_TIN3/ GTM2_TIN4 A24 I/O OVDD — GPIO1[7]/DMA_DACK2/GTM1_TGATE3/ GTM2_TGATE4 D23 I/O OVDD — GPIO1[8]/DMA_DDONE2/GTM1_TOUT3 B23 I/O OVDD — GPIO1[9]/DMA_DREQ3/GTM1_TIN4/ GTM2_TIN3 A23 I/O OVDD — GPIO1[10]/DMA_DACK3/GTM1_TGATE4/ GTM2_TGATE3 F22 I/O OVDD — GPIO1[11]/DMA_DDONE3/GTM1_TOUT4/ GTM2_TOUT3 E22 I/O OVDD — USB Port 1 MPH1_D0_ENABLEN/DR_D0_ENABLEN A26 I/O OVDD — MPH1_D1_SER_TXD/DR_D1_SER_TXD B26 I/O OVDD — MPH1_D2_VMO_SE0/DR_D2_VMO_SE0 D25 I/O OVDD — Table 55. MPC8347EA (TBGA) Pinout Listing (continued) Signal Package Pin Number Pin Type Power Supply Notes |