công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8347ECVRALDB bảng dữ liệu(PDF) 61 Page - Freescale Semiconductor, Inc

tên linh kiện MPC8347ECVRALDB
Giải thích chi tiết về linh kiện  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVRALDB bảng dữ liệu(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVRALDB Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8347ECVRALDB Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8347ECVRALDB Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8347ECVRALDB Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8347ECVRALDB Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8347ECVRALDB Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8347ECVRALDB Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8347ECVRALDB Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8347ECVRALDB Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
Freescale Semiconductor
61
Package and Pin Listings
LALE
AK24
O
OVDD
—
LGPL0/LSDA10/cfg_reset_source0
AP27
I/O
OVDD
—
LGPL1/LSDWE/cfg_reset_source1
AL25
I/O
OVDD
—
LGPL2/LSDRAS/LOE
AJ24
O
OVDD
—
LGPL3/LSDCAS/cfg_reset_source2
AN27
I/O
OVDD
—
LGPL4/LGTA/LUPWAIT/LPBSE
AP28
I/O
OVDD
13
LGPL5/cfg_clkin_div
AL26
I/O
OVDD
—
LCKE
AM27
O
OVDD
—
LCLK[0:2]
AN28, AK26, AP29
O
OVDD
—
LSYNC_OUT
AM12
O
OVDD
—
LSYNC_IN
AJ10
I
OVDD
—
General Purpose I/O Timers
GPIO1[0]/DMA_DREQ0/GTM1_TIN1/
GTM2_TIN2
F24
I/O
OVDD
—
GPIO1[1]/DMA_DACK0/GTM1_TGATE1/
GTM2_TGATE2
E24
I/O
OVDD
—
GPIO1[2]/DMA_DDONE0/GTM1_TOUT1
B25
I/O
OVDD
—
GPIO1[3]/DMA_DREQ1/GTM1_TIN2/
GTM2_TIN1
D24
I/O
OVDD
—
GPIO1[4]/DMA_DACK1/GTM1_TGATE2/
GTM2_TGATE1
A25
I/O
OVDD
—
GPIO1[5]/DMA_DDONE1/GTM1_TOUT2/
GTM2_TOUT1
B24
I/O
OVDD
—
GPIO1[6]/DMA_DREQ2/GTM1_TIN3/
GTM2_TIN4
A24
I/O
OVDD
—
GPIO1[7]/DMA_DACK2/GTM1_TGATE3/
GTM2_TGATE4
D23
I/O
OVDD
—
GPIO1[8]/DMA_DDONE2/GTM1_TOUT3
B23
I/O
OVDD
—
GPIO1[9]/DMA_DREQ3/GTM1_TIN4/
GTM2_TIN3
A23
I/O
OVDD
—
GPIO1[10]/DMA_DACK3/GTM1_TGATE4/
GTM2_TGATE3
F22
I/O
OVDD
—
GPIO1[11]/DMA_DDONE3/GTM1_TOUT4/
GTM2_TOUT3
E22
I/O
OVDD
—
USB Port 1
MPH1_D0_ENABLEN/DR_D0_ENABLEN
A26
I/O
OVDD
—
MPH1_D1_SER_TXD/DR_D1_SER_TXD
B26
I/O
OVDD
—
MPH1_D2_VMO_SE0/DR_D2_VMO_SE0
D25
I/O
OVDD
—
Table 55. MPC8347EA (TBGA) Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99